Electronic Components Datasheet Search
  English  ▼

X  

HV508 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV508
Description  High Voltage Liquid Crystal Shutter Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV508 Datasheet(HTML) 1 Page - Supertex, Inc

  HV508 Datasheet HTML 1Page - Supertex, Inc HV508 Datasheet HTML 2Page - Supertex, Inc HV508 Datasheet HTML 3Page - Supertex, Inc HV508 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
HV508
Features
HVCMOS® technology for high performance
Logic-selectable output voltage
100nF drive capability
Up to 90V
P-P
25µs response time
►
►
►
►
►
Block Diagram
High Voltage
Liquid Crystal Shutter Driver
General Description
The Supertex HV508 is a 45V liquid crystal shutter driver in
an 8-Lead SOIC surface mount package. It consists of two
outputs that provide square waves of opposite phase. The
liquid crystal shutter is connected between the two outputs.
Its equivalent load can be approximated as a resistor in
parallel with a capacitor. Minimum resistance is 1.0MΩ and
maximum capacitance is 0.1µF.
The HV508 has three input supply voltages, HV
IN, LVIN, and
V
DD. The output’s amplitude will be either LVIN or HVIN. A logic
high on the HV
EN input will set the output to operate from the
HV
IN supply. A logic low on the HVEN input will set the output
to operate from the LV
IN supply. The output frequency is set
by the logic input frequency applied on the POL input.
LVIN
HVIN
VDD
HVEN
POL
GND
HVOUT1
HVOUT2
Level
Translator
Level
Translator
Level
Translator
Level
Translator
CMOS
Logic


Similar Part No. - HV508

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV508 SUTEX-HV508 Datasheet
429Kb / 3P
High Voltage Liquid Crystal Shutter Driver
HV508LG SUTEX-HV508LG Datasheet
429Kb / 3P
High Voltage Liquid Crystal Shutter Driver
HV508LG-G SUTEX-HV508LG-G Datasheet
582Kb / 4P
High Voltage, Liquid Crystal Shutter Driver
HV508 SUTEX-HV508_13 Datasheet
582Kb / 4P
High Voltage, Liquid Crystal Shutter Driver
More results

Similar Description - HV508

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
Liquid Crystal Display Driver
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
MM5483 Liquid Crystal Display Driver
logo
Supertex, Inc
HV508 SUTEX-HV508 Datasheet
429Kb / 3P
High Voltage Liquid Crystal Shutter Driver
logo
National Semiconductor ...
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
Liquid Crystal Display Driver
MM145453 NSC-MM145453_00 Datasheet
117Kb / 5P
Liquid Crystal Display Driver
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
Liquid Crystal Display Driver
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
Liquid Crystal Display Driver
logo
Supertex, Inc
HV508 SUTEX-HV508_13 Datasheet
582Kb / 4P
High Voltage, Liquid Crystal Shutter Driver
logo
Maxim Integrated Produc...
MAX14515 MAXIM-MAX14515 Datasheet
208Kb / 14P
High-Voltage Liquid Lens Driver
Rev 0; 8/08
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
LIQUID-CRYSTAL DISPLAY DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com