Electronic Components Datasheet Search
  English  ▼

X  

HV508 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV508
Description  High Voltage Liquid Crystal Shutter Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV508 Datasheet(HTML) 3 Page - Supertex, Inc

  HV508 Datasheet HTML 1Page - Supertex, Inc HV508 Datasheet HTML 2Page - Supertex, Inc HV508 Datasheet HTML 3Page - Supertex, Inc HV508 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
HV508
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Power-Up/ Power-Down Sequences
Power-up sequence should be the following:
Connect GND
Connect V
DD
Connect logic inputs
Connect HV
IN
and connect LV
IN
Power-down sequence should be the reverse.
1.
2.
3.
4.
5.
Logic Truth Table
HV
EN
POL
HV
OUT1
HV
OUT2
H
H
HV
IN
GND
H
L
GND
HV
IN
L
H
LV
IN
GND
L
L
GND
LV
IN
GND
50%
80%
5%
50%
t(OFF)
t(ON)
POL
HVOUT1
VIL
VIH
HVIN
or LVIN
LVIN
50%
80%
HVEN
HVOUT1
VIL
VIH
HVIN
t(ENON)
Fig. 1
Fig. 2
Timing Diagrams
Sym
Parameter
Min
Typ
Max
Units Conditions
f
POL
POL input frequency
0
-
100
Hz
---
t
HV(ON)
Turn-on time when high
voltage is enabled
-
-
16
µs
Load = 1.0MΩ in parallel with 0.1µF between
HV
OUT1 and HVOUT2, HVEN = high, outputs rise to
HV
IN. See Fig.1.
t
HV(OFF)
Turn-off time when high
voltage is enabled
-
-
16
µs
t
LV(ON)
Turn-on time when high
voltage is disabled
-
-
40
µs
Load = 1.0MΩ in parallel with 0.1µF between
HV
OUT1 and HVOUT2, HVEN = low, outputs rise to
HV
IN. See Fig.1.
t
LV(OFF)
Turn-off time when high
voltage is disabled
-
-
6.0
µs
t
EN(ON)
Turn-on time from HV
EN
to HV
OUT
-
-
25
µs
Load = 1.0MΩ in parallel with 0.1µF between
HV
OUT1 and HVOUT2. See Fig.2.
AC Electrical Characteristics (HV
IN = 45V, LVIN = 6.0V, VDD = 5.0V, TA = -5.0°C to +60°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com