Electronic Components Datasheet Search
  English  ▼

X  

SF2172C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SF2172C
Description  280 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2172C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SF2172C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2172C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2172C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2172C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2172C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 5
©2009 by RF Monolithics, Inc.
SF2172C - 7/7/09
CH1
S 11
1 U FS
CENTR
28 0 . 000
M Hz
SPA N
200
. 0 00
M Hz
Cor
CH2
S2 1
LO G
10 dB/
RE F -40 d B
CENTER
280
. 0 00
00 0
MHz
SPAN
2 00 . 00 0
000
M Hz
Cor
CH3
S2 2
1 U FS
CENTR
280 . 0 00
M Hz
SPAN
2 00 . 00 0
MHz
Cor
24 Oct 2008 0 8:05:0 5
1
1: 24 . 94 3
-10
. 939
51 . 96 0
pF
280
. 000
000
MHz
1
2
3
4
1: 0. 0 00 0
d B
0 . 0 00
00 0
M Hz
Max
REF=1
CH2
M arkers
BW :
19 . 4 786 00
MHz
cen t
:
27 9 . 799 57 3
M Hz
Q: 1 4 . 364
1 _ loss
: -9 . 05 32
dB
CH2 PASS
1
1: 2 1 . 97 7
-5 9
. 4 55
9 . 5 603
pF
2 80 . 00 0
000
M Hz
SF2 172C RFM Demo
Fu ll 2-port cal
-1 dB BW
Full
Full
Frequency Response and Smith Charts



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com