Electronic Components Datasheet Search
  English  ▼

X  

SF2172C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # SF2172C
Description  280 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2172C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  SF2172C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2172C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2172C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2172C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2172C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 5
©2009 by RF Monolithics, Inc.
SF2172C - 7/7/09
CH1
S2 1
DEL
50 ns/
RE F 400 n s
Cor
Sm o
CH2
S2 1
LO G
1 d B/
RE F -1 0 d B
CENTER
280
. 0 00
00 0
M Hz
SPAN
30 . 0 00
00 0
MHz
Cor
24 Oct 2008 08 :16:12
1
2
3
2 : -5 . 7220
ns
-15
. 0 00
00 0
M Hz
REF=3
CH1
M arkers
me an
: 4 36
. 23
n s
s . dev
: 3 . 1525
ns
p-p
: 12 . 2 58
ns
1
2
3
2 : . 10540
d B
-1 5
. 000
000
MHz
REF=3
CH2
M arkers
mean
: -8 . 8777
dB
s . dev
: . 0 9710
dB
p-p
:.42 720
d B
SF2 172C RFM Demo
Full 2-port cal
Full
Full
Passband Response



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com