Electronic Components Datasheet Search
  English  ▼

X  

FA5301 Datasheet(PDF) 2 Page - Fuji Electric

Part # FA5301
Description  Bipolar IC For Switching Power Supply Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5301 Datasheet(HTML) 2 Page - Fuji Electric

  FA5301 Datasheet HTML 1Page - Fuji Electric FA5301 Datasheet HTML 2Page - Fuji Electric FA5301 Datasheet HTML 3Page - Fuji Electric FA5301 Datasheet HTML 4Page - Fuji Electric FA5301 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FA5301BP(N)
2
s Absolute maximum ratings
Item
Symbol
Rating
Unit
VCC
22
V
VO
22
V
IOM
5mA
VI
5V
VIS
20
V
VFB
20
V
VON/OFF
6V
VSYNC
6V
Pd
1000 (DIP-16) *1
mW
400 (SOP-16) *2
Topr
–20 to +85
°C
Tstg
–40 to +150
°C
Supply voltage
Output voltage
Error amplifier output
current
Error amplifier input
voltage
Overcurrent detection
terminal input voltage
Feedback terminal input voltage
Output ON/OFF terminal
input voltage
Synchronizing terminal
input voltage
Total power dissipation
Operating temperature
Storage temperature
Notes:
*1 Derating factor Ta > 25°C : 10.0mW/°C (on PC board)
*2 Derating factor Ta > 25°C : 4.0mW/°C (on PC board)
s Recommended operating conditions
Item
Symbol
Min.
Max.
Unit
Supply voltage
VCC
720
V
Error amplifier input voltage
VI
0
VREF-2
V
Output current
IO
20
mA
Error amplifier feedback resistor
RNF
33
k
Ω
Oscillator timing capacitor
CT
100
10,000
pF
Oscillator timing resistor
RT
8.2
220
k
Ω
Free run oscillation frequency
fOSC
1
200
kHz
Synchronized frequency
fSYNC
1
200
kHz
Frequency ratio
CSY=OV –35
–5
%
fOSC – fSYNC *3
fSYNC
–30
+10
%
CSY:
Capacitor
is connected
to GND
*3 Consider the tolerance of
fosc – fSYNC
fSYNC
s Electrical characteristics (Ta = 25
°C, VCC = 9V, RT = 47kΩ, CT = 1000pF)
Reference voltage section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Output voltage
VREF
IOR = 1mA
4.75
5.00
5.25
V
Line regulation
LINE
VCC = 8 to 20V
10
25
mV
Load current regulation
LOAD
IOR = 0.1 to 2mA
10
25
mV
Output voltage variation by temperature fluctuation
VTC1
Ta = –20 to +25
°C1
%
VTC2
Ta = +25 to +85
°C1
%
Output current at output short-circuit
IOS
25
mA
Oscillator section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Oscillation frequency
fOSC
CT = 1,000pF, RT = 47k
Ω
20
21
22
kHz
Frequency variation by line voltage fluctuation
fdV
VCC = 8 to 20V
2
%
Frequency variation by temperature fluctuation
fdt1
Ta = +25 to –20
°C–2
+2
%
fdt2
Ta = +25 to +85
°C–2
+2
%
Input current to synchronizing signal terminal
ISYNC1
VSYNC = 1V
300
600
µA
ISYNC2
VSYNC = –0.5V
–60
–300
µA
Input current to synchronizing signal detection terminal
ICSY1
Pin 12 = 0V,
VSYNC = –0.5V
–65
–130
–260
µA
ICSY2
Pin 12 = 1V,
VSYNC = 1V
200
400
µA
Threshold voltage of synchronizing signal detection terminal
VTH CSY
0.7
1.0
V
Error amplifier section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Input offset voltage
VIO
–10
10
mV
Input bias current
II
1
µA
Common-mode input voltage
VCM
0
VREF–2 V
Open-loop voltage gain
AV
70
95
dB
Unity-gain bandwidth
GB
0.8
MHz
Common-mode signal rejection ratio
CMRR
80
dB
Maximum output voltage
VOM+
IOM = –50
µA4
V
VOM–
IOM = 50
µA
0.5
V
Output sink current
IOM–
VOM = 1V
170
240
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com