Electronic Components Datasheet Search
  English  ▼

X  

FA5301 Datasheet(PDF) 1 Page - Fuji Electric

Part # FA5301
Description  Bipolar IC For Switching Power Supply Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5301 Datasheet(HTML) 1 Page - Fuji Electric

  FA5301 Datasheet HTML 1Page - Fuji Electric FA5301 Datasheet HTML 2Page - Fuji Electric FA5301 Datasheet HTML 3Page - Fuji Electric FA5301 Datasheet HTML 4Page - Fuji Electric FA5301 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FA5301BP(N)
1
FA5301BP(N)
s Description
The FA5301BP(N) is a bipolar IC containing basic circuits
necessary for PWM-type switching power supply control.
This IC switches an external transistor according to external
synchronizing pulses.
s Features
• External synchronization input terminal
• Wide supply voltage range (VCC =7 to 22V)
• Open-collector output
• Soft-start from standby mode
• Double protection of output transistor by overcurrent limiting
and cutoff functions
• Output ON/OFF control function
• Not many external discrete components needed
s Applications
• Switching power supply for general equipment
(Optimum for TV, display, and other monitor devices)
s Dimensions, mm
SOP-16
DIP-16
s Block diagram
1
16
9
8
19.4
7.6
1.5
0.81
0~15˚
0~15˚
0.5±0.1
2.54±0.25
0.3
+0.1
–0.05
Bipolar IC
For Switching Power Supply Control
1
8
9
16
0.65
0.33
1.27±0.2
0.42±0.07
9.9±0.1
Pin
Pin
Description
No.
symbol
1
IN (–)
Inverting input to error amplifier
2
IN (+)
Non-inverting input to error
amplifier
3
ER.OUT
Error amplifier output
4
FB
Feedback input
5
IS
Overcurrent detection
6
CD
Overcurrent cutoff delay
capacitor
7
GND
Ground
8
ON/OFF
Output ON/OFF control
9
OUT
Output
10
DT
Dead time adjustment
11
CT
Oscillator timing capacitor
12
CSY
External synchronizing signal
detection capacitor
13
SYNC
External synchronization input
14
CSO
PWM soft-start capacitor
15
REF
Reference voltage output (5V)
16
VCC
Power supply


Similar Part No. - FA5301

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA530 FOX-FA530 Datasheet
372Kb / 2P
3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
Bipolar IC For Switching Power Supply Control
FA5304APS FUJI-FA5304APS Datasheet
280Kb / 17P
Bipolar IC For Switching Power Supply Control
FA5305AP FUJI-FA5305AP Datasheet
280Kb / 17P
Bipolar IC For Switching Power Supply Control
FA5305APS FUJI-FA5305APS Datasheet
280Kb / 17P
Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA5301

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
Bipolar IC For Switching Power Supply Control
FA7610CP FUJI-FA7610CP Datasheet
89Kb / 7P
FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
FA7615CPE Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
Bipolar IC For Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
CMOS IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com