Electronic Components Datasheet Search
  English  ▼

X  

FA5331PM Datasheet(PDF) 9 Page - Fuji Electric

Part # FA5331PM
Description  Bipolar IC For Power Factor Correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5331PM Datasheet(HTML) 9 Page - Fuji Electric

Back Button FA5331PM Datasheet HTML 5Page - Fuji Electric FA5331PM Datasheet HTML 6Page - Fuji Electric FA5331PM Datasheet HTML 7Page - Fuji Electric FA5331PM Datasheet HTML 8Page - Fuji Electric FA5331PM Datasheet HTML 9Page - Fuji Electric FA5331PM Datasheet HTML 10Page - Fuji Electric FA5331PM Datasheet HTML 11Page - Fuji Electric FA5331PM Datasheet HTML 12Page - Fuji Electric FA5331PM Datasheet HTML 13Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FA5331P(M)/FA5332P(M)
9
4. No-load operation
The following condition should be meet to prevent from
overvoltage and audible noise during no-load or light-load
operation.
For FA5331 (Fig.10)
0.85•
≤ ROFST(kΩ)≤
where,
=
and, Rn
≤ 100Ω
and, RX: don’t connect.
•You must not connect RX which reduces DC gain of current
error amplifier.
•You can connect R5 which is series with capacitor C3.
For FA5332 (Fig.11)
Rn
≤ 27Ω
and, RX: don’t connect.
•You must not connect RX which reduces DC gain of current
error amplifier.
•You can connect R5 which is series with capacitor C3.
•If you connect ROFST, dead time of AC input current will
extend.
5. How to prevent from intermittent switching of low
frequency
An intermittent switching, which frequency is lower than 10Hz,
occurs in some applications.
In this case, it is possible to prevent from this intermittent
switching to reduce feedback gain by decreasing the
resistance of R4. (See Fig. 2)
You must check the effect thoroughly because this intermittent
switching depends on load, temperature and input condition.
Fig.10
Fig.11
(3.5•103–0.26•Rn)•12
42+0.26•Rn
13 REF
IIN–
IFB
C2
C3
R5
Rn
Cn
Current
detection
Rx
IDET
ROFST
FA5331
2
1
16
Current
detection
13 REF
IIN–
IFB
C2
C3
R5
Rn
Cn
Rx
IDET
ROFST
FA5332
2
1
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com