Electronic Components Datasheet Search
  English  ▼

X  

FA5331PM Datasheet(PDF) 11 Page - Fuji Electric

Part # FA5331PM
Description  Bipolar IC For Power Factor Correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5331PM Datasheet(HTML) 11 Page - Fuji Electric

Back Button FA5331PM Datasheet HTML 5Page - Fuji Electric FA5331PM Datasheet HTML 6Page - Fuji Electric FA5331PM Datasheet HTML 7Page - Fuji Electric FA5331PM Datasheet HTML 8Page - Fuji Electric FA5331PM Datasheet HTML 9Page - Fuji Electric FA5331PM Datasheet HTML 10Page - Fuji Electric FA5331PM Datasheet HTML 11Page - Fuji Electric FA5331PM Datasheet HTML 12Page - Fuji Electric FA5331PM Datasheet HTML 13Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FA5331P(M)/FA5332P(M)
11
IIN– terminal voltage vs. VDET terminal voltage
Multiplier I/O
FA5331
FA5332
IDET terminal voltage vs. IIN– terminal voltage
Normal operation
FA5331
FA5332
H-level output voltage (VOH) vs.
L-level output voltage(VOL) vs.
output source current (ISOURCE)
output sink current (ISINK)
–1.5
–1.0
–0.5
0
0
0.5
1.0
1.5
IIN– terminal voltage [V]
VDET terminal voltage [V]
0
0.4
0.2
0.6
1.0
1.2
1.4
0.8
0
2
0.8
0.4
1.2
1.6
2.4
VFB=1.5V
VFB=1.6V
VFB=1.7V
VFB=2.0V
1.5
1.0
0.5
0
0
0.5
1.0
1.5
IIN– terminal voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com