Electronic Components Datasheet Search
  English  ▼

X  

LM5046 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5046
Description  Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5046 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5046 Datasheet HTML 17Page - Texas Instruments LM5046 Datasheet HTML 18Page - Texas Instruments LM5046 Datasheet HTML 19Page - Texas Instruments LM5046 Datasheet HTML 20Page - Texas Instruments LM5046 Datasheet HTML 21Page - Texas Instruments LM5046 Datasheet HTML 22Page - Texas Instruments LM5046 Datasheet HTML 23Page - Texas Instruments LM5046 Datasheet HTML 24Page - Texas Instruments LM5046 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
LM5046
www.ti.com
SNVS703F – FEBRUARY 2011 – REVISED JANUARY 2012
Soft-Stop Off
The Soft-Start Off (SSOFF) pin gives additional flexibility by allowing the power converter to be configured for
hard-stop during line UVLO and hiccup mode condition. If the SS OFF pin is pulled up to the 5V REF pin, the
power converter hard-stops in any fault condition. Hard-stop drives each control output to a low state
immediately. Refer to Table 2 for more details.
Table 2. Soft-Stop in Fault Conditions
Fault Condition
SSSR
UVLO
Soft-Stop
(UVLO<1.25V)
3x the charging rate
OVP
Hard-Stop
(OVP>1.25V)
Hiccup
Soft-Stop
(CS>0.75 and RES>1V)
6x the charging rate
VCC/VREF UV
Hard-Stop
Internal Thermal Limit
Hard-Stop
Note: All the above conditions are valid with SSOFF pin tied to GND. If SSOFF=5V, the LM5046 hard-stops in all
the conditions. The SS pin remains high in all the conditions until the SSSR pin reaches 1V.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event the maximum rated
junction temperature is exceeded. When activated, typically at 160°C, the controller is forced into a shutdown
state with the output drivers, the bias regulators (VCC and REF) disabled. This helps to prevent catastrophic
failures from accidental device overheating. During thermal shutdown, the SS and SSSR capacitors are fully
discharged and the controller follows a normal start-up sequence after the junction temperature falls to the
operating level (140 °C).
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5046



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com