Electronic Components Datasheet Search
  English  ▼

X  

LM5046 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM5046
Description  Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5046 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM5046 Datasheet HTML 30Page - Texas Instruments LM5046 Datasheet HTML 31Page - Texas Instruments LM5046 Datasheet HTML 32Page - Texas Instruments LM5046 Datasheet HTML 33Page - Texas Instruments LM5046 Datasheet HTML 34Page - Texas Instruments LM5046 Datasheet HTML 35Page - Texas Instruments LM5046 Datasheet HTML 36Page - Texas Instruments LM5046 Datasheet HTML 37Page - Texas Instruments LM5046 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
LM5046
SNVS703F – FEBRUARY 2011 – REVISED JANUARY 2012
www.ti.com
APPLICATION CIRCUIT EXAMPLE
The following schematic shows an example of a 100W phase-shifted full-bridge converter controlled by LM5046.
The operating input voltage range is 36V to 75V, and the output voltage is 3.3V. The output current capability is
30 Amps. The converter is configured for current mode control with external slope compensation. An auxiliary
winding is used to raise the VCC voltage to reduce the controller power dissipation.
Evaluation Board Schematic
34
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: LM5046



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com