Electronic Components Datasheet Search
  English  ▼

X  

PDC500 Datasheet(PDF) 3 Page - Power-One

Part # PDC500
Description  RoHS lead solder exemption compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PDC500 Datasheet(HTML) 3 Page - Power-One

  PDC500 Datasheet HTML 1Page - Power-One PDC500 Datasheet HTML 2Page - Power-One PDC500 Datasheet HTML 3Page - Power-One PDC500 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Safety, Regulatory, and EMI Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Agency Approvals
UL1950. UL 60950 / CSA60950-00 (cULus Mark)
Approved
EN60950 (TÜV). PDC500 (Pending).
Dielectric Withstand
Meets reinforced insulation of IEC60950.
Electromagnetic Interference
FCC CFR title 47 Part 15 Sub-Part B - Conducted.
B
Class
EN55022 / CISPR 22 Conducted.
B
ESD Susceptibility
Per EN61000-4-2, level 4.
8
kV
Radiated Susceptibility
Per EN61000-4-3, level 3.
10
V/M
EFT/Burst (PFC500)
Per EN61000-4-4, level 4.
±4
kV
EFT/Burst (PDC500)
Per EN61000-4-4, level 4.
TBD
kV
Input Transient Protection
PFC500 Per EN61000-4-5 class 3. PDC500 (class 2)
Line to Line (PFC500)
1
Line to Ground (PFC500)
2
kV
Line to Line (PDC500)
0.5
Line to Ground (PDC500)
0.5
Insulation Resistance
Input to output.
10
M
Leakage Current (PFC500)
Per EN60950, 264 VAC.
2.0
mA
Environmental Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating.
10k
ASL Ft.
Non-Operating.
40k
ASL Ft.
Operating Temperature
At 100% load
0
50
°C
Derate linearly above 50°C by 2.5% per °C.
At 50% load
0
70
°C
Storage Temperature
-55
85
°C
Forced Air Cooling
Forced air cooling of 300 LFM (400 LFM for PDC500) is required if the internal
fan is not specified Cooling air velocity is measured at the output exiting window
(2.5” x 5”). Airflow direction is from the input section to the output section.
Temperature Coefficient
0°C to 70°C (after 15 minute warm-up).
±0.02
±0.05
%/°C
Relative Humidity
Non-Condensing.
5
95
%RH
Shock
Operating: 10±3mSec, 3 axis, Half Sine.
20
G
Non-operating: 10±3mSec, 3 axis, Half Sine.
40
Vibration
Operating:
5-32Hz
0.02
in (DA)
32-2000Hz Sinusoidal
1
GPK
Non-operating:
6.15
GRMS
Options
DESCRIPTION
NOTES
SIZE IMPACT
Isolation Diodes
Add “D” as a suffix to the model number to order factory installed isolation diodes
N/A
for parallel or redundant operation. For 24V models with the “D” option, external caps
are required to meet the 1% noise/ripple spec. Power Good has a pull-up
resistor of 475
on the 24V models. See Application Note #P1 for details.
Fan
Add “F” as a suffix to the model number to order integral fan.
10.50" x 5.00" x 2.50"
Fan provides the required 300 LFM (400 LFM for PDC500) of forced air cooling,
(266.7mm x 127.0mm x 63.5mm)
or otherwise provided by the end user.
Metric Mounting
Add “M” as a suffix to the model number to order chassis with
N/A
M4 x 0.7 mounting inserts.
PFC500/PDC500 Series Data Sheet
AUG 01, 2003 revised to JUL 13, 2006
Page 3 of 4
www.power-one.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com