Electronic Components Datasheet Search
  English  ▼

X  

PDC500 Datasheet(PDF) 4 Page - Power-One

Part # PDC500
Description  RoHS lead solder exemption compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PDC500 Datasheet(HTML) 4 Page - Power-One

  PDC500 Datasheet HTML 1Page - Power-One PDC500 Datasheet HTML 2Page - Power-One PDC500 Datasheet HTML 3Page - Power-One PDC500 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Overall Size: 9.00" x 5.00" x 2.50" (228.6mm x 127.0mm x 63.5mm)
Overall Length With Fan: 10.50" (266.7mm)
Weight: 4.3 lb (1.95 kg)
Input and Output Connections:
6-32 Screw Terminal on 0.375" (9.5mm) centers
Chassis:
0.090" (2.3mm) Aluminum Alloy, With Clear Finish
DC+ or
DC- or
SUGGESTED AIRFLOW
*
* Airflow should be measured at the exiting window (5” x 2.5”).
PFC500/PDC500 Series Data Sheet
AUG 01, 2003 revised to JUL 13, 2006
Page 4 of 4
www.power-one.com
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical
components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of
the respective divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com