Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 136 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 136 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 132Page - Microsemi Corporation A3P030 Datasheet HTML 133Page - Microsemi Corporation A3P030 Datasheet HTML 134Page - Microsemi Corporation A3P030 Datasheet HTML 135Page - Microsemi Corporation A3P030 Datasheet HTML 136Page - Microsemi Corporation A3P030 Datasheet HTML 137Page - Microsemi Corporation A3P030 Datasheet HTML 138Page - Microsemi Corporation A3P030 Datasheet HTML 139Page - Microsemi Corporation A3P030 Datasheet HTML 140Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 210 page
background image
Package Pin Assignments
4- 20
R e v i sio n 1 5
VQ100
Pin Number
A3P060 Function
1GND
2
GAA2/IO51RSB1
3
IO52RSB1
4
GAB2/IO53RSB1
5
IO95RSB1
6
GAC2/IO94RSB1
7
IO93RSB1
8
IO92RSB1
9GND
10
GFB1/IO87RSB1
11
GFB0/IO86RSB1
12
VCOMPLF
13
GFA0/IO85RSB1
14
VCCPLF
15
GFA1/IO84RSB1
16
GFA2/IO83RSB1
17
VCC
18
VCCIB1
19
GEC1/IO77RSB1
20
GEB1/IO75RSB1
21
GEB0/IO74RSB1
22
GEA1/IO73RSB1
23
GEA0/IO72RSB1
24
VMV1
25
GNDQ
26
GEA2/IO71RSB1
27
GEB2/IO70RSB1
28
GEC2/IO69RSB1
29
IO68RSB1
30
IO67RSB1
31
IO66RSB1
32
IO65RSB1
33
IO64RSB1
34
IO63RSB1
35
IO62RSB1
36
IO61RSB1
37
VCC
38
GND
39
VCCIB1
40
IO60RSB1
41
IO59RSB1
42
IO58RSB1
43
IO57RSB1
44
GDC2/IO56RSB1
45
GDB2/IO55RSB1
46
GDA2/IO54RSB1
47
TCK
48
TDI
49
TMS
50
VMV1
51
GND
52
VPUMP
53
NC
54
TDO
55
TRST
56
VJTAG
57
GDA1/IO49RSB0
58
GDC0/IO46RSB0
59
GDC1/IO45RSB0
60
GCC2/IO43RSB0
61
GCB2/IO42RSB0
62
GCA0/IO40RSB0
63
GCA1/IO39RSB0
64
GCC0/IO36RSB0
65
GCC1/IO35RSB0
66
VCCIB0
67
GND
68
VCC
69
IO31RSB0
70
GBC2/IO29RSB0
71
GBB2/IO27RSB0
72
IO26RSB0
VQ100
Pin Number
A3P060 Function
73
GBA2/IO25RSB0
74
VMV0
75
GNDQ
76
GBA1/IO24RSB0
77
GBA0/IO23RSB0
78
GBB1/IO22RSB0
79
GBB0/IO21RSB0
80
GBC1/IO20RSB0
81
GBC0/IO19RSB0
82
IO18RSB0
83
IO17RSB0
84
IO15RSB0
85
IO13RSB0
86
IO11RSB0
87
VCCIB0
88
GND
89
VCC
90
IO10RSB0
91
IO09RSB0
92
IO08RSB0
93
GAC1/IO07RSB0
94
GAC0/IO06RSB0
95
GAB1/IO05RSB0
96
GAB0/IO04RSB0
97
GAA1/IO03RSB0
98
GAA0/IO02RSB0
99
IO01RSB0
100
IO00RSB0
VQ100
Pin Number
A3P060 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com