Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 138 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 138 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 134Page - Microsemi Corporation A3P030 Datasheet HTML 135Page - Microsemi Corporation A3P030 Datasheet HTML 136Page - Microsemi Corporation A3P030 Datasheet HTML 137Page - Microsemi Corporation A3P030 Datasheet HTML 138Page - Microsemi Corporation A3P030 Datasheet HTML 139Page - Microsemi Corporation A3P030 Datasheet HTML 140Page - Microsemi Corporation A3P030 Datasheet HTML 141Page - Microsemi Corporation A3P030 Datasheet HTML 142Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 210 page
background image
Package Pin Assignments
4- 22
R e v i sio n 1 5
VQ100
Pin Number
A3P250 Function
1GND
2
GAA2/IO118UDB3
3
IO118VDB3
4
GAB2/IO117UDB3
5
IO117VDB3
6
GAC2/IO116UDB3
7
IO116VDB3
8
IO112PSB3
9GND
10
GFB1/IO109PDB3
11
GFB0/IO109NDB3
12
VCOMPLF
13
GFA0/IO108NPB3
14
VCCPLF
15
GFA1/IO108PPB3
16
GFA2/IO107PSB3
17
VCC
18
VCCIB3
19
GFC2/IO105PSB3
20
GEC1/IO100PDB3
21
GEC0/IO100NDB3
22
GEA1/IO98PDB3
23
GEA0/IO98NDB3
24
VMV3
25
GNDQ
26
GEA2/IO97RSB2
27
GEB2/IO96RSB2
28
GEC2/IO95RSB2
29
IO93RSB2
30
IO92RSB2
31
IO91RSB2
32
IO90RSB2
33
IO88RSB2
34
IO86RSB2
35
IO85RSB2
36
IO84RSB2
37
VCC
38
GND
39
VCCIB2
40
IO77RSB2
41
IO74RSB2
42
IO71RSB2
43
GDC2/IO63RSB2
44
GDB2/IO62RSB2
45
GDA2/IO61RSB2
46
GNDQ
47
TCK
48
TDI
49
TMS
50
VMV2
51
GND
52
VPUMP
53
NC
54
TDO
55
TRST
56
VJTAG
57
GDA1/IO60USB1
58
GDC0/IO58VDB1
59
GDC1/IO58UDB1
60
IO52NDB1
61
GCB2/IO52PDB1
62
GCA1/IO50PDB1
63
GCA0/IO50NDB1
64
GCC0/IO48NDB1
65
GCC1/IO48PDB1
66
VCCIB1
67
GND
68
VCC
69
IO43NDB1
70
GBC2/IO43PDB1
71
GBB2/IO42PSB1
72
IO41NDB1
VQ100
Pin Number
A3P250 Function
73
GBA2/IO41PDB1
74
VMV1
75
GNDQ
76
GBA1/IO40RSB0
77
GBA0/IO39RSB0
78
GBB1/IO38RSB0
79
GBB0/IO37RSB0
80
GBC1/IO36RSB0
81
GBC0/IO35RSB0
82
IO29RSB0
83
IO27RSB0
84
IO25RSB0
85
IO23RSB0
86
IO21RSB0
87
VCCIB0
88
GND
89
VCC
90
IO15RSB0
91
IO13RSB0
92
IO11RSB0
93
GAC1/IO05RSB0
94
GAC0/IO04RSB0
95
GAB1/IO03RSB0
96
GAB0/IO02RSB0
97
GAA1/IO01RSB0
98
GAA0/IO00RSB0
99
GNDQ
100
VMV0
VQ100
Pin Number
A3P250 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com