Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 200 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 200 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 196Page - Microsemi Corporation A3P030 Datasheet HTML 197Page - Microsemi Corporation A3P030 Datasheet HTML 198Page - Microsemi Corporation A3P030 Datasheet HTML 199Page - Microsemi Corporation A3P030 Datasheet HTML 200Page - Microsemi Corporation A3P030 Datasheet HTML 201Page - Microsemi Corporation A3P030 Datasheet HTML 202Page - Microsemi Corporation A3P030 Datasheet HTML 203Page - Microsemi Corporation A3P030 Datasheet HTML 204Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 210 page
background image
Datasheet Information
5- 4
R ev isio n 1 5
Revision
Changes
Page
Revision 9 (Oct 2009)
Product Brief v1.3
The CS121 package was added to table under "Features and Benefits" section,
the "I/Os Per Package 1" table, Table 1 • ProASIC3 FPGAs Package Sizes
Dimensions, "ProASIC3 Ordering Information", and the "Temperature Grade
Offerings" table.
I – IV
"ProASIC3 Ordering Information" was revised to include the fact that some RoHS
compliant packages are halogen-free.
III
Packaging v1.5
The "CS121 – Bottom View" figure and pin table for A3P060 are new.
4-15
Revision 8 (Aug 2009)
Product Brief v1.2
All references to M7 devices (CoreMP7) and speed grade –F were removed from
this document.
N/A
Table 1-1 I/O Standards supported is new.
1-7
The I/Os with Advanced I/O Standards section was revised to add definitions of
hot-swap and cold-sparing.
1-7
DC and Switching
Characteristics v1.4
3.3 V LVCMOS and 1.2 V LVCMOS Wide Range support was added to the
datasheet. This affects all tables that contained 3.3 V LVCMOS and 1.2 V
LVCMOS data.
N/A
IIL and IIH input leakage current information was added to all "Minimum and
Maximum DC Input and Output Levels" tables.
N/A
–F was removed from the datasheet. The speed grade is no longer supported.
N/A
The notes in Table 2-2 • Recommended Operating Conditions 1 were updated.
2-2
Table 2-4 • Overshoot and Undershoot Limits 1 was updated.
2-2
Table 2-6 • Temperature and Voltage Derating Factors for Timing Delays was
updated.
2-6
In Table 2-116 • RAM4K9, the following specifications were removed:
tWRO
tCCKH
2-94
In Table 2-117 • RAM512X18, the following specifications were removed:
tWRO
tCCKH
2-96
In the title of Table 2-74 • 1.8 V LVCMOS High Slew, VCCI had a typo. It was
changed from 3.0 V to 1.7 V.
2-57
Revision 7 (Feb 2009)
Product Brief v1.1
The "Advanced I/O" section was revised to add a bullet regarding wide range
power supply voltage support.
I
The table under "Features and Benefits" section, was updated to include a value
for typical equivalent macrocells for A3P250.
I
The QN48 package was added to the following tables: the table under "Features
and Benefits" section, "I/Os Per Package 1" "ProASIC3 FPGAs Package Sizes
Dimensions", and "Temperature Grade Offerings".
The number of singled-ended I/Os for QN68 was added to the "I/Os Per
Package 1" table.
N/A
The Wide Range I/O Support section is new.
1-7
Revision 6 (Dec 2008)
Packaging v1.4
The "QN48 – Bottom View" section is new.
4-1
The "QN68" pin table for A3P030 is new.
4-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com