Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 201 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 201 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 197Page - Microsemi Corporation A3P030 Datasheet HTML 198Page - Microsemi Corporation A3P030 Datasheet HTML 199Page - Microsemi Corporation A3P030 Datasheet HTML 200Page - Microsemi Corporation A3P030 Datasheet HTML 201Page - Microsemi Corporation A3P030 Datasheet HTML 202Page - Microsemi Corporation A3P030 Datasheet HTML 203Page - Microsemi Corporation A3P030 Datasheet HTML 204Page - Microsemi Corporation A3P030 Datasheet HTML 205Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
5 - 5
Revision 5 (Aug 2008)
DC and Switching
Characteristics v1.3
TJ, Maximum Junction Temperature, was changed to 100° from 110º in the
"Thermal Characteristics" section and EQ 1. The calculated result of Maximum
Power Allowed has thus changed to 1.463 W from 1.951 W.
2-5
Values for the A3P015 device were added to Table 2-7 • Quiescent Supply
Current Characteristics.
2-6
Values for the A3P015 device were added to Table 2-14 • Different Components
Contributing to Dynamic Power Consumption in ProASIC3 Devices. PAC14 was
removed. Table 2-15 • Different Components Contributing to the Static Power
Consumption in ProASIC3 Devices is new.
2-10, 2-11
The "PLL Contribution—PPLL" section was updated to change the PPLL formula
from PAC13 + PAC14 * FCLKOUT to PDC4 + PAC13 * FCLKOUT.
2-13
Both fall and rise values were included for tDDRISUD and tDDRIHD in Table 2-102 •
Input DDR Propagation Delays.
2-77
Table 2-107 • A3P015 Global Resource is new.
2-85
The typical value for Delay Increments in Programmable Delay Blocks was
changed from 160 to 200 in Table 2-115 • ProASIC3 CCC/PLL Specification.
2-89
Revision 4 (Jun 2008)
DC and Switching
Characteristics v1.2
Table note references were added to Table 2-2 • Recommended Operating
Conditions 1, and the order of the table notes was changed.
2-2
The title for Table 2-4 • Overshoot and Undershoot Limits 1 was modified to
remove "as measured on quiet I/Os." Table note 1 was revised to remove
"estimated SSO density over cycles." Table note 2 was revised to remove "refers
only to overshoot/undershoot limits for simultaneous switching I/Os.
"
2-2
The "Power per I/O Pin" section was updated to include 3 additional tables
pertaining to input buffer power and output buffer power.
2-6
Table 2-29 • I/O Output Buffer Maximum Resistances 1 was revised to include
values for 3.3 V PCI/PCI-X.
2-26
Table 2-90 • LVDS Minimum and Maximum DC Input and Output Levels was
updated.
2-65
Revision 3 (Jun 2008)
Packaging v1.3
Pin numbers were added to the "QN68 – Bottom View" package diagram. Note 2
was added below the diagram.
4-3
The "QN132 – Bottom View" package diagram was updated to include D1 to D4.
In addition, note 1 was changed from top view to bottom view, and note 2 is new.
4-6
Revision 2 (Feb 2008)
Product Brief v1.0
This document was divided into two sections and given a version number, starting
at v1.0. The first section of the document includes features, benefits, ordering
information, and temperature and speed grade offerings. The second section is a
device family overview.
N/A
This document was updated to include A3P015 device information. QN68 is a
new package that was added because it is offered in the A3P015. The following
sections were updated:
"Features and Benefits"
"ProASIC3 Ordering Information"
"Temperature Grade Offerings"
"ProASIC3 Flash Family FPGAs"
"A3P015 and A3P030" note
Introduction and Overview (NA)
N/A
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com