Electronic Components Datasheet Search
  English  ▼

X  

LM2598 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2598 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2598 Datasheet HTML 17Page - Texas Instruments LM2598 Datasheet HTML 18Page - Texas Instruments LM2598 Datasheet HTML 19Page - Texas Instruments LM2598 Datasheet HTML 20Page - Texas Instruments LM2598 Datasheet HTML 21Page - Texas Instruments LM2598 Datasheet HTML 22Page - Texas Instruments LM2598 Datasheet HTML 23Page - Texas Instruments LM2598 Datasheet HTML 24Page - Texas Instruments LM2598 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
LM2598
www.ti.com
SNVS125C – MARCH 1998 – REVISED APRIL 2013
APPLICATION INFORMATION
Table 9. PIN DESCRIPTIONS
Name
Description
This is the positive input supply for the IC switching regulator. A suitable input bypass
+VIN (Pin 2)
capacitor must be present at this pin to minimize voltage transients and to supply the
switching currents needed by the regulator.
Ground (Pin 4)
Circuit ground.
Internal switch. The voltage at this pin switches between approximately (+VIN − VSAT) and
Output (Pin 1)
approximately
−0.5V, with a duty cycle of VOUT/VIN. To minimize coupling to sensitive
circuitry, the PC board copper area connected to this pin should be kept to a minimum.
Feedback (Pin 6)
Senses the regulated output voltage to complete the feedback loop.
This dual function pin provides the following features: (a) Allows the switching regulator
circuit to be shut down using logic level signals thus dropping the total input supply current to
Shutdown /Soft-start (Pin 7)
approximately 85
μA. (b) Adding a capacitor to this pin provides a soft-start feature which
minimizes startup current and provides a controlled ramp up of the output voltage.
Open collector output that provides a low signal (flag transistor ON) when the regulated
output voltage drops more than 5% from the nominal output voltage. On start up, Error Flag
Error Flag (Pin 3)
is low until VOUT reaches 95% of the nominal output voltage and a delay time determined by
the Delay pin capacitor. This signal can be used as a reset to a microprocessor on power-up.
At power-up, this pin can be used to provide a time delay between the time the regulated
Delay (Pin 5)
output voltage reaches 95% of the nominal output voltage, and the time the error flag output
goes high.
If any of the above three features (Shutdown /Soft-start, Error Flag, or Delay) are not used,
Special Note
the respective pins should be left open.
EXTERNAL COMPONENTS
SOFT-START CAPACITOR
CSS — A capacitor on this pin provides the regulator with a Soft-start feature (slow start-up). When the DC input
voltage is first applied to the regulator, or when the Shutdown /Soft-start pin is allowed to go high, a constant
current (approximately 5
μA begins charging this capacitor). As the capacitor voltage rises, the regulator goes
through four operating regions (See the bottom curve in Figure 30).
1. Regulator in Shutdown. When the SD /SS pin voltage is between 0V and 1.3V, the regulator is in
shutdown, the output voltage is zero, and the IC quiescent current is approximately 85
μA.
2. Regulator ON, but the output voltage is zero. With the SD /SS pin voltage between approximately 1.3V
and 1.8V, the internal regulator circuitry is operating, the quiescent current rises to approximately 5 mA, but
the output voltage is still zero. Also, as the 1.3V threshold is exceeded, the Soft-start capacitor charging
current decreases from 5
μA down to approximately 1.6 μA. This decreases the slope of capacitor voltage
ramp.
3. Soft-start Region. When the SD /SS pin voltage is between 1.8V and 2.8V (@ 25°C), the regulator is in a
Soft-start condition. The switch (Pin 1) duty cycle initially starts out very low, with narrow pulses and
gradually get wider as the capacitor SD /SS pin ramps up towards 2.8V. As the duty cycle increases, the
output voltage also increases at a controlled ramp up. See the center curve in Figure 30. The input supply
current requirement also starts out at a low level for the narrow pulses and ramp up in a controlled manner.
This is a very useful feature in some switcher topologies that require large startup currents (such as the
inverting configuration) which can load down the input power supply.
Note: The lower curve shown in Figure 30 shows the Soft-start region from 0% to 100%. This is not the duty
cycle percentage, but the output voltage percentage. Also, the Soft-start voltage range has a negative
temperature coefficient associated with it. See the Soft-start curve in the Electrical Characteristics section.
4. Normal operation. Above 2.8V, the circuit operates as a standard Pulse Width Modulated switching
regulator. The capacitor will continue to charge up until it reaches the internal clamp voltage of approximately
7V. If this pin is driven from a voltage source, the current must be limited to about 1 mA.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2598



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com