Electronic Components Datasheet Search
  English  ▼

X  

LM2598 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2598 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM2598 Datasheet HTML 30Page - Texas Instruments LM2598 Datasheet HTML 31Page - Texas Instruments LM2598 Datasheet HTML 32Page - Texas Instruments LM2598 Datasheet HTML 33Page - Texas Instruments LM2598 Datasheet HTML 34Page - Texas Instruments LM2598 Datasheet HTML 35Page - Texas Instruments LM2598 Datasheet HTML 36Page - Texas Instruments LM2598 Datasheet HTML 37Page - Texas Instruments LM2598 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
LM2598
SNVS125C – MARCH 1998 – REVISED APRIL 2013
www.ti.com
Figure 45. Maximum Load Current for Inverting
Regulator Circuit
An additional diode is required in this regulator configuration. Diode D1 is used to isolate input voltage ripple or
noise from coupling through the CIN capacitor to the output, under light or no load conditions. Also, this diode
isolation changes the topology to closely resemble a buck configuration thus providing good closed loop stability.
A Schottky diode is recommended for low input voltages, (because of its lower voltage drop) but for higher input
voltages, a 1N5400 diode could be used.
Because of differences in the operation of the inverting regulator, the standard design procedure is not used to
select the inductor value. In the majority of designs, a 68
μH, 1.5 Amp inductor is the best choice. Capacitor
selection can also be narrowed down to just a few values. Using the values shown in Figure 44 will provide good
results in the majority of inverting designs.
This type of inverting regulator can require relatively large amounts of input current when starting up, even with
light loads. Input currents as high as the LM2598 current limit (approximately 1.5A) are needed for 2 ms or more,
until the output reaches its nominal output voltage. The actual time depends on the output voltage and the size of
the output capacitor. Input power sources that are current limited or sources that can not deliver these currents
without getting loaded down, may not work correctly. Because of the relatively high startup currents required by
the inverting topology, the Soft-start feature shown in Figure 44 is recommended.
Also shown in Figure 44 are several shutdown methods for the inverting configuration. With the inverting
configuration, some level shifting is required, because the ground pin of the regulator is no longer at ground, but
is now at the negative output voltage. The shutdown methods shown accept ground referenced shutdown
signals.
UNDERVOLTAGE LOCKOUT
Some applications require the regulator to remain off until the input voltage reaches a predetermined voltage.
Figure 46 contains a undervoltage lockout circuit for a buck configuration, while Figure 47 and Figure 48 are for
the inverting types (only the circuitry pertaining to the undervoltage lockout is shown). Figure 46 uses a zener
diode to establish the threshold voltage when the switcher begins operating. When the input voltage is less than
the zener voltage, resistors R1 and R2 hold the Shutdown /Soft-start pin low, keeping the regulator in the
shutdown mode. As the input voltage exceeds the zener voltage, the zener conducts, pulling the Shutdown /Soft-
start pin high, allowing the regulator to begin switching. The threshold voltage for the undervoltage lockout
feature is approximately 1.5V greater than the zener voltage.
34
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2598



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com