Electronic Components Datasheet Search
  English  ▼

X  

LM3103 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3103
Description  SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3103 Datasheet(HTML) 2 Page - Texas Instruments

  LM3103 Datasheet HTML 1Page - Texas Instruments LM3103 Datasheet HTML 2Page - Texas Instruments LM3103 Datasheet HTML 3Page - Texas Instruments LM3103 Datasheet HTML 4Page - Texas Instruments LM3103 Datasheet HTML 5Page - Texas Instruments LM3103 Datasheet HTML 6Page - Texas Instruments LM3103 Datasheet HTML 7Page - Texas Instruments LM3103 Datasheet HTML 8Page - Texas Instruments LM3103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM3103
SNVS523E – SEPTEMBER 2007 – REVISED NOVEMBER 2009
www.ti.com
Typical Application
Connection Diagram
Figure 1. 16-Lead Plastic HTSSOP
Package Number PWP0016A
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1, 2
VIN
Input supply voltage
Supply pin to the device. Nominal input range is 4.5V to 42V.
3, 4
SW
Switch Node
Internally connected to the source of the main MOSFET and the drain of the synchronous
MOSFET. Connect to the output inductor.
5
BST
Connection for
Connect a 33 nF capacitor from the SW pin to this pin. This capacitor is charged through an
bootstrap capacitor
internal diode during the main MOSFET off-time.
6
AGND
Analog Ground
Ground for all internal circuitry other than the PGND pin.
7
SS
Soft-start
A 70 µA internal current source charges an external capacitor of larger than 22 nF to provide
the soft-start function.
8
NC
No Connection
This pin should be left unconnected.
9, 10
GND
Ground
Must be connected to the AGND pin for normal operation. The GND and AGND pins are not
internally connected.
11
FB
Feedback
Internally connected to the regulation and over-voltage comparators. The regulation setting is
0.6V at this pin. Connect to feedback resistors.
12
EN
Enable pin
Internal pull-up. Connect to a voltage higher than 1.6V to enable the device.
13
RON
On-time Control
An external resistor from the VIN pin to this pin sets the main MOSFET on-time.
14
VCC
Startup regulator
Nominally regulated to 6V. Connect a capacitor of larger than 1 µF between the VCC and
Output
AGND pins for stable operation.
15, 16
PGND
Power Ground
Synchronous MOSFET source connection. Tie to a ground plane.
DAP
EP
Exposed Pad
Thermal connection pad. Connect to the ground plane.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM3103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com