Electronic Components Datasheet Search
  English  ▼

X  

LM3103 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3103
Description  SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3103 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3103 Datasheet HTML 9Page - Texas Instruments LM3103 Datasheet HTML 10Page - Texas Instruments LM3103 Datasheet HTML 11Page - Texas Instruments LM3103 Datasheet HTML 12Page - Texas Instruments LM3103 Datasheet HTML 13Page - Texas Instruments LM3103 Datasheet HTML 14Page - Texas Instruments LM3103 Datasheet HTML 15Page - Texas Instruments LM3103 Datasheet HTML 16Page - Texas Instruments LM3103 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
tSS = 180 Ps +
70 PA
CSS x 0.6V
CIN =
'VIN
IOUT x tON
LM3103
www.ti.com
SNVS523E – SEPTEMBER 2007 – REVISED NOVEMBER 2009
Figure 25. Inductor selection for VOUT = 0.6V
Figure 24 and Figure 25 show curves on inductor selection for various VOUT and RON. According to Equation 8,
VIN is limited for small RON. Some curves are therefore limited as shown in the figures.
CVCC: The capacitor on the VCC output provides not only noise filtering and stability, but also prevents false
triggering of the VCC UVLO at the main MOSFET on/off transitions. CVCC should be no smaller than 1 µF for
stability, and should be a good quality, low ESR, ceramic capacitor.
COUT and COUT3: COUT should generally be no smaller than 10 µF. Experimentation is usually necessary to
determine the minimum value for COUT, as the nature of the load may require a larger value. A load which
creates significant transients requires a larger COUT than a fixed load.
COUT3 is a small value ceramic capacitor located close to the LM3103 to further suppress high frequency noise at
VOUT. A 47 nF capacitor is recommended.
CIN and CIN3: The function of CIN is to supply most of the main MOSFET current during the on-time, and limit the
voltage ripple at the VIN pin, assuming that the voltage source connecting to the VIN pin has finite output
impedance. If the voltage source’s dynamic impedance is high (effectively a current source), CIN supplies the
difference between the instantaneous input current and the average input current.
At the maximum load current, when the main MOSFET turns on, the current to the VIN pin suddenly increases
from zero to the valley of the inductor’s ripple current and ramps up to the peak value. It then drops to zero at
turn-off. The average current during the on-time is the load current. For a worst case calculation, CIN must be
capable of supplying this average load current during the maximum on-time. CIN is calculated from:
(10)
where IOUT is the load current, ton is the maximum on-time, and ΔVIN is the allowable ripple voltage at VIN.
CIN3’s purpose is to help avoid transients and ringing due to long lead inductance at the VIN pin. A low ESR 0.1
µF ceramic chip capacitor located close to the LM3103 is recommended.
CBST: A 33 nF high quality ceramic capacitor with low ESR is recommended for CBST since it supplies a surge
current to charge the main MOSFET gate driver at each turn-on. Low ESR also helps ensure a complete
recharge during each off-time.
CSS: The capacitor at the SS pin determines the soft-start time, i.e. the time for the reference voltage at the
regulation comparator and therefore, the output voltage to reach their final value. The time is determined from the
following equation:
(11)
CFB: If the output voltage is higher than 1.6V, CFB is needed in the Discontinuous Conduction Mode to reduce the
output ripple. The recommended value for CFB is 10 nF.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com