Electronic Components Datasheet Search
  English  ▼

X  

MAC97A8 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MAC97A8
Description  Direct interfacing to logic level ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAC97A8 Datasheet(HTML) 1 Page - NXP Semiconductors

  MAC97A8 Datasheet HTML 1Page - NXP Semiconductors MAC97A8 Datasheet HTML 2Page - NXP Semiconductors MAC97A8 Datasheet HTML 3Page - NXP Semiconductors MAC97A8 Datasheet HTML 4Page - NXP Semiconductors MAC97A8 Datasheet HTML 5Page - NXP Semiconductors MAC97A8 Datasheet HTML 6Page - NXP Semiconductors MAC97A8 Datasheet HTML 7Page - NXP Semiconductors MAC97A8 Datasheet HTML 8Page - NXP Semiconductors MAC97A8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MAC97A8
4Q Triac
7 November 2013
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Planar passivated very sensitive gate four quadrant triac in a SOT54 plastic package
intended to be interfaced directly to microcontrollers, logic integrated circuits and other
low power gate trigger circuits.
2. Features and benefits
• Direct interfacing to logic level ICs
• Direct interfacing to low power gate drivers and microcontrollers
• High blocking voltage capability
• Planar passivated for voltage ruggedness and reliability
• Triggering in all four quadrants
• Very sensitive gate
3. Applications
• General purpose low power phase control
• General purpose low power switching
• Solid-state relay
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak off-
state voltage
-
-
600
V
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C;
tp = 20 ms; Fig. 4; Fig. 5
-
-
8
A
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 50 °C; Fig. 1;
Fig. 2; Fig. 3
-
-
0.6
A
Static characteristics
VD = 12 V; IT = 0.1 A; T2+ G+;
Tj = 25 °C; Fig. 7
-
1
5
mA
VD = 12 V; IT = 0.1 A; T2+ G-;
Tj = 25 °C; Fig. 7
-
2
5
mA
IGT
gate trigger current
VD = 12 V; IT = 0.1 A; T2- G-;
Tj = 25 °C; Fig. 7
-
2
5
mA


Similar Part No. - MAC97A8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
Logic level triac
Rev. 01-29 March 2001
logo
ON Semiconductor
MAC97A8 ONSEMI-MAC97A8 Datasheet
84Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
logo
Unisonic Technologies
MAC97A8 UTC-MAC97A8 Datasheet
130Kb / 5P
LOGIC LEVEL TRIAC
logo
Inchange Semiconductor ...
MAC97A8 ISC-MAC97A8 Datasheet
55Kb / 1P
Triacs
logo
Tiger Electronic Co.,Lt...
MAC97A8 TGS-MAC97A8 Datasheet
99Kb / 1P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - MAC97A8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
logo
Silikron Semiconductor ...
2N7002K SILIKRON-2N7002K Datasheet
300Kb / 5P
Direct Logic-Level Interface: TTL/CMOS
BSS138 SILIKRON-BSS138 Datasheet
414Kb / 8P
Direct Logic-Level Interface: TTL/CMOS
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
Single Gate CMOS Logic ICs
logo
NXP Semiconductors
Z0103MA0 NXP-Z0103MA0 Datasheet
174Kb / 13P
4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
BT137-600D NXP-BT137-600D Datasheet
157Kb / 13P
Direct triggering from low power drivers and logic ICs
Rev. 3-24 March 2011
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
Direct interfacing to logic level ICs
23 August 2013
logo
Bruckewell Technology L...
BSS138 BWTECH-BSS138 Datasheet
586Kb / 4P
Direct Logic-Level Interface: TTL/CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com