Electronic Components Datasheet Search
  English  ▼

X  

MAC97A8 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MAC97A8
Description  Direct interfacing to logic level ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAC97A8 Datasheet(HTML) 2 Page - NXP Semiconductors

  MAC97A8 Datasheet HTML 1Page - NXP Semiconductors MAC97A8 Datasheet HTML 2Page - NXP Semiconductors MAC97A8 Datasheet HTML 3Page - NXP Semiconductors MAC97A8 Datasheet HTML 4Page - NXP Semiconductors MAC97A8 Datasheet HTML 5Page - NXP Semiconductors MAC97A8 Datasheet HTML 6Page - NXP Semiconductors MAC97A8 Datasheet HTML 7Page - NXP Semiconductors MAC97A8 Datasheet HTML 8Page - NXP Semiconductors MAC97A8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
MAC97A8
4Q Triac
MAC97A8
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
7 November 2013
2 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VD = 12 V; IT = 0.1 A; T2- G+;
Tj = 25 °C; Fig. 7
-
4
7
mA
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
T2
main terminal 2
2
G
gate
3
T1
main terminal 1
1
2
3
TO-92 (SOT54)
sym051
T1
G
T2
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
MAC97A8
TO-92
plastic single-ended leaded (through hole) package; 3 leads
SOT54
MAC97A8/DG
TO-92
plastic single-ended leaded (through hole) package; 3 leads
SOT54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com