Electronic Components Datasheet Search
  English  ▼

X  

LM3495 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3495
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3495 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3495 Datasheet HTML 17Page - Texas Instruments LM3495 Datasheet HTML 18Page - Texas Instruments LM3495 Datasheet HTML 19Page - Texas Instruments LM3495 Datasheet HTML 20Page - Texas Instruments LM3495 Datasheet HTML 21Page - Texas Instruments LM3495 Datasheet HTML 22Page - Texas Instruments LM3495 Datasheet HTML 23Page - Texas Instruments LM3495 Datasheet HTML 24Page - Texas Instruments LM3495 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
+
-
+
VRAMP
L
RL
CO
RO
RC
+
-
0.6V
+
-
RFB2
RFB1
GM
VO
VC
C1
C2
R1
VIN
LM3495
www.ti.com
SNVS410E – FEBRUARY 2006 – REVISED NOVEMBER 2007
A good estimate for the maximum AC rms current is one-half of the maximum load current. For this example, the
rms input current can be estimated as 3.5A. Regardless of the type and number of capacitors used, every design
will benefit from the addition of a 0.1 µF to 1 µF ceramic capacitor placed as close as possible to the drain of the
high-side FET and the source of the low-side FET.
In most applications for POL power supplies, the input voltage is the output of another switching converter. This
output often has a lot of bulk capacitance. One 22 µF MLCC provides enough local smoothing and keeps the
input impedance high enough to prevent power supply interaction from the source. For switching power supplies,
the minimum quality dielectric that should be used is X5R. The preferred capacitor voltage rating for a 12V input
voltage is 25V, due to the drop-off in capacitance of MLCCs under a DC bias. Capacitors with a 16V rating can
still be used if size and cost are limiting factors. For this example the current rating of each of the capacitors
should be at least 3Arms. The ESR of large-value ceramic caps is usually below 10 m
Ω, which keeps the heating
to a minimum.
CURRENT LIMIT
For this design, the trip point for the current limit circuitry should be below the peak current rating of the output
inductor, which is 18A. To account for the tolerance of the internal current source, the change in the RDSON of the
low-side FET, and to prevent excessive heating of the inductor, a target of 15A has been chosen. A 3.8A margin
exists between the expected 11.2A peak current and the current limit threshold to allow for line and load
transients. Following the equation from the Applications Information section the value used for RLIM should be
3.32 k
Ω 1%.
CONTROL LOOP COMPENSATION
The LM3495 uses emulated peak current-mode PWM control to correct changes in output voltage due to line and
load transients. This unique architecture combines the fast line transient response of peak current mode control
with the ability to regulate at very low duty cycles. As a further advantage, the small signal characteristics of
emulated peak current mode control are almost identical to those of traditional peak current mode control, and
hence compensation can be selected using nearly identical calculations.
The control loop is comprised of two parts. The first is the power stage, which consists of the duty cycle
modulator, output filter, and the load. The second part is the error amplifier, which is a transconductance (gM)
amplifier with a typical transconductance of 750 µmho and a typical output impedance of 72 M
Ω. Figure 8 shows
the regulator and voltage control loop components.
Figure 8. Power Stage and Error Amp
One popular method for selecting the compensation components is to create Bode plots of gain and phase for
the power stage and error amplifier. Combined, they make the overall bandwidth and phase margin of the
regulator easy to determine. Software tools such as Excel, MathCAD, and Matlab are useful for observing how
changes in compensation or the power stage affect system gain and phase.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3495



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com