Electronic Components Datasheet Search
  English  ▼

X  

LM3495 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3495
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3495 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3495 Datasheet HTML 9Page - Texas Instruments LM3495 Datasheet HTML 10Page - Texas Instruments LM3495 Datasheet HTML 11Page - Texas Instruments LM3495 Datasheet HTML 12Page - Texas Instruments LM3495 Datasheet HTML 13Page - Texas Instruments LM3495 Datasheet HTML 14Page - Texas Instruments LM3495 Datasheet HTML 15Page - Texas Instruments LM3495 Datasheet HTML 16Page - Texas Instruments LM3495 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
VO = 0.6V x
RFB1
RFB1 + RFB2
(LM3495)
(Master Supply)
VOUT1
VOUT2
0.6V = VOUT2
RT1
RT1 + RT2
(LM3495)
(Master Supply)
VOUT1
VOUT2
LM3495
www.ti.com
SNVS410E – FEBRUARY 2006 – REVISED NOVEMBER 2007
The above equation is set equal to 0.65V in order to ensure that the final value of the track pin voltage exceeds
the reference voltage of the LM3495, and this 50 mV offset will cause the LM3495 output voltage to reach
regulation slightly before the master supply. A value of 10 k
Ω 1% is recommended for RT2 as a good
compromise between high precision and low quiescent current through the divider. If the master supply voltage
VOUT1 is 5V, for example, then the value of RT1 needed to give the two supplies identical soft start times would be
1.5 k
Ω 1%. A timing diagram for this example, the equal soft start time case, is shown in Figure 3.
Figure 3. Tracking with Equal Soft Start Time
Alternatively, the tracking feature can be used to create equal slew rates between the output voltages of the
LM3495 and the master supply. This method ensures that the output voltage of the LM3495 always reaches
regulation before the output voltage of the master supply. In this case, the tracking resistors can be determined
based on the following equation:
(2)
Again, a value of 10 k
Ω 1% is recommended for RT2. For the example case of VOUT1 = 5V and VOUT2 = 1.8V, RT1
would be 5.62 k
Ω 1%. A timing diagram for this example, the case of equal slew rates, is shown in Figure 4.
Figure 4. Tracking with Equal Slew Rates
FPWM MODE OPERATION
The LM3495 operates under forced PWM when the FPWM pin is connected to ground. While in FPWM
operation, the LM3495 controls the output voltage by adjusting the duty cycle of the power FETs with trailing
edge PWM. The output inductor and capacitor filter the square wave produced as the power FETs chop the input
voltage, thereby creating a regulated output voltage. The DC level of the output voltage can be set anywhere
from 0.6V up to 5.5V, and is determined by a pair of feedback resistors using the following equation:
(3)
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3495



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com