Electronic Components Datasheet Search
  English  ▼

X  

LP3944 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP3944
Description  RGB/White/Blue 8-LED Fun Light Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3944 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3944 Datasheet HTML 5Page - Texas Instruments LP3944 Datasheet HTML 6Page - Texas Instruments LP3944 Datasheet HTML 7Page - Texas Instruments LP3944 Datasheet HTML 8Page - Texas Instruments LP3944 Datasheet HTML 9Page - Texas Instruments LP3944 Datasheet HTML 10Page - Texas Instruments LP3944 Datasheet HTML 11Page - Texas Instruments LP3944 Datasheet HTML 12Page - Texas Instruments LP3944 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LP3944
www.ti.com
SNVS264 – MAY 2004
Figure 9. Register Address Byte
In the READ mode, when auto increment is enabled, I2C master could receive any number of bytes from LP3944
without selecting chip address and register address again. Every time the I2C master reads a register, the
LP3944 will increment the register address and the next data register will be read. When I2C master reaches the
last register (09H register), the register address will roll over to 00H.
In the WRITE mode, when auto increment is enabled, the LP3944 will increment the register address every time
I2C master writes to register. When the last register (09H register) is reached, the register address will roll over to
02H, because the first two registers in LP3944 are read-only registers. It is possible to write to these two
registers, and the LP3944 will acknowledge, but the data will be ignored.
In the LP3944, registers 0x01, 0x08 and 0x09 are not functional. However, it is still necessary to read from 0x01
and to write to 0x08 and 0x09 in Auto Increment mode. They cannot be skipped.
If auto increment is disabled, and the I2C master does not change register address, it will continue to write data
into the same register.
Figure 10. Programming with Auto Increment Disabled (in WRITE Mode)
Figure 11. Programming with Auto Increment Enabled (in WRITE Mode)
Table 1. LP3944 Register Table
Address (Hex)
Register Name
Read/Write
Register Function
0x00
Input 1
Read Only
LED0–7 Input Register
0x01
Register 1
Read Only
None
0x02
PSC0
R/W
Frequency Prescaler 0
0x03
PWM0
R/W
PWM Register 0
0x04
PSC1
R/W
Frequency Prescaler 1
0x05
PWM1
R/W
PWM Register 1
0x06
LS0
R/W
LED0–3 Selector
0x07
LS1
R/W
LED4–7 Selector
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com