Electronic Components Datasheet Search
  English  ▼

X  

LP3944 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3944
Description  RGB/White/Blue 8-LED Fun Light Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3944 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3944 Datasheet HTML 6Page - Texas Instruments LP3944 Datasheet HTML 7Page - Texas Instruments LP3944 Datasheet HTML 8Page - Texas Instruments LP3944 Datasheet HTML 9Page - Texas Instruments LP3944 Datasheet HTML 10Page - Texas Instruments LP3944 Datasheet HTML 11Page - Texas Instruments LP3944 Datasheet HTML 12Page - Texas Instruments LP3944 Datasheet HTML 13Page - Texas Instruments LP3944 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LP3944
SNVS264 – MAY 2004
www.ti.com
Table 1. LP3944 Register Table (continued)
Address (Hex)
Register Name
Read/Write
Register Function
0x08
Register 8
R/W
None
0x09
Register 9
R/W
None
Binary Fomat for Input Registers (Read Only)—Address 0x00 and 0x01
Table 2. Address 0x00
Bit #
7
6
5
4
3
2
1
0
Default value
X
X
X
X
X
X
X
X
LED7
LED6
LED5
LED4
LED3
LED2
LED1
LED0
Binary Format for Frequency Prescaler and PWM Registers — Address 0x02 to 0x05
Table 3. Address 0x02 (PSC0)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
Table 4. Address 0x03 (PWM0)
Bit #
7
6
5
4
3
2
1
0
Default value
1
0
0
0
0
0
0
0
Table 5. Address 0x04 (PSC1)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
Table 6. Address 0x05 (PWM1)
Bit #
7
6
5
4
3
2
1
0
Default value
1
0
0
0
0
0
0
0
Binary Format for Selector Registers — Address 0x06 to 0x07
Table 7. Address 0x06 (LS0)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
B1
B0
B1
B0
B1
B0
B1
B0
LED3
LED2
LED1
LED0
Table 8. Address 0x07 (LS1)
Bit #
7
6
5
4
3
2
1
0
Default value
0
0
0
0
0
0
0
0
B1
B0
B1
B0
B1
B0
B1
B0
LED7
LED6
LED5
LED4
Table 9. LED States With Respect To Values in "B1" and "B0"
B1
B0
Function
0
0
Output Hi-Z
(LED off)
0
1
Output LOW
(LED on)
10
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LP3944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com