Electronic Components Datasheet Search
  English  ▼

X  

LP3991 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3991
Description  300mA Linear Voltage Regulator for Digital Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3991 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3991 Datasheet HTML 7Page - Texas Instruments LP3991 Datasheet HTML 8Page - Texas Instruments LP3991 Datasheet HTML 9Page - Texas Instruments LP3991 Datasheet HTML 10Page - Texas Instruments LP3991 Datasheet HTML 11Page - Texas Instruments LP3991 Datasheet HTML 12Page - Texas Instruments LP3991 Datasheet HTML 13Page - Texas Instruments LP3991 Datasheet HTML 14Page - Texas Instruments LP3991 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
A1
A3
C3
VIN
SW
FB
EN
DC/DC
GND
VOUT
LM3673TL-
1.8
C1
B2
C2
10 PF
C1
4.7 PF
2.2 PH
LP3991TL-
1.5
EN
LDO
GND
VIN
C4
4.7 PF
B2
A1
A2
B1
Li-Ion
2.7 ± 4.3V
1.5V
Ferrite
Bead
1.8V
LP3991
www.ti.com
SNVS296G – DECEMBER 2006 – REVISED JANUARY 2011
some capacitor sizes (e.g. 0402) may not be suitable in the actual application. Ceramic capacitors have the
lowest ESR values, thus making them best for eliminating high frequency noise. The ESR of a typical 4.7µF
ceramic capacitor is in the range of 20m
Ω to 40mΩ, which easily meets the ESR requirement for stability for the
LP3991. The temperature performance of ceramic capacitors varies by type. Capacitor type X7R is specified with
a tolerance of ±15% over the temperature range -55°C to +125°C. The X5R has a similar tolerance over the
reduced temperature range of -55°C to +85°C. Some large value ceramic capacitors (4.7µF) are manufactured
with Z5U or Y5V temperature characteristics, which can result in the capacitance dropping by more than 50% as
the temperature varies from 25°C to 85°C. Therefore X7R or X5R types are recommended in applications where
the temperature will change significantly above or below 25°C.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1µF to 4.7µF range. Another
important consideration is that tantalum capacitors have higher ESR values than equivalent size ceramics. This
means that while it may be possible to find a tantalum capacitor with an ESR value within the stable range, it
would have to be larger in capacitance (which means bigger and more costly) than a ceramic capacitor with the
same ESR value. It should also be noted that the ESR of a typical tantalum will increase about 2:1 as the
temperature goes from 25°C down to -40°C, so some guard band must be allowed.
ENABLE CONTROL
The LP3991 features an active high Enable pin, VEN, which turns the device on when pulled high. When not
enabled the regulator output is off and the device typically consumes 2nA.
If the application does not require the Enable switching feature, the VEN pin should be tied to VIN to keep the
regulator output permanently on.
To ensure proper operation, the signal source used to drive the VEN input must be able to swing above and
below the specified turn-on/off voltage thresholds listed in the Electrical Characteristics section under VIL and VIH.
micro SMD MOUNTING
The micro SMD package requires specific mounting techniques which are detailed in the National Semiconductor
Application Note (AN-1112). Referring to the section Surface Mount Technology (SMT) Assenbly Considerations,
it should be noted that the pad style which must be used with the 4 pin package is NSMD (non-solder mask
defined) type.
For best results during assembly, alignment ordinals on the PCB may be used to facilitate placement of the micro
SMD device.
micro SMD LIGHT SENSITIVITY
Exposing the micro SMD device to direct sunlight may cause mis-operation of the device. Light sources such as
halogen lamps can affect the electrical performance if brought near to the device.
The wavelengths which have most detrimental effect are reds and infra-reds, which means that fluorescent
lighting, used inside most buildings will have little effect on performance.
Figure 3. LP3991 Used as a Post DC/DC regulator
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com