Electronic Components Datasheet Search
  English  ▼

X  

WS1102 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1102
Description  3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1102 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  WS1102 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
WS1102
3x3 Power Amplifier Module for CDMA/AMPS (824–849 MHz)
Data Sheet
Description
The WS1102 is a CDMA (Code Division Multiple Access)
and AMPS (Advanced Mobile Phone Service) power
amplifier module designed for handsets operating
in the 824–849 MHz bandwidth. The WS1102
features CoolPAM circuit technology that offers
state-of-the-art reliability, temperature stability and
ruggedness.
The WS1102
meets
stringent
CDMA
linearity
requirements to and beyond 28 dBm output power. The
3 mm x 3 mm form factor 8-pin surface mount package
is self contained, incorporating 50 ohm input and output
matching networks.
Features
• Good linearity
• Excellent efficiency: 40% at Pout = 28 dBm;
19% at Pout = 16 dBm (without a DC/DC converter)
• 8-pin surface mounting package
(3 mm x 3 mm x 1.1 mm)
• Internal 50Ω matching networks for both RF Input
and output
• CDMA 95A/B, CDMA2000-1X/EVDO
Applications
• Digital Cellular (CDMA)
• Analog Cellular (AMPS)
Functional Block Diagram
Input
Match
Inter
Stage
Match
Output
Match
Bias Circuit & Control Logic
DA
PA
Vcc2(8)
Vref(4)
Vcont(3)
Vcc1(1)
RF Input (2)
RF Output (7)
MMIC
MODULE


Similar Part No. - WS1102

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
WS1103 AVAGO-WS1103 Datasheet
372Kb / 15P
CDMA Cell 3x3 Power Amplifier Module
WS1103-BLK AVAGO-WS1103-BLK Datasheet
372Kb / 15P
CDMA Cell 3x3 Power Amplifier Module
WS1103-TR1 AVAGO-WS1103-TR1 Datasheet
372Kb / 15P
CDMA Cell 3x3 Power Amplifier Module
WS1105 AVAGO-WS1105 Datasheet
255Kb / 15P
CDMA Cell 3x3 Power Amplifier Module
More results

Similar Description - WS1102

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
logo
Synaptics Incorporated.
RM912 CONEXANT-RM912 Datasheet
457Kb / 20P
CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)
logo
List of Unclassifed Man...
FC7113 ETC-FC7113 Datasheet
130Kb / 5P
Power Amplifier Module for CDMA/AMPS
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
Power Amplifier Module for CDMA/AMPS (824-849 MHz)
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
PA Module for CDMA / AMPS (824-849 MHz)
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
Power Amplifier Module for AMPS Applications (824-849 MHz)
SKY77154 SKYWORKS-SKY77154 Datasheet
182Kb / 12P
System Smart PA Module for CDMA / AMPS (824-849 MHz)
SKY77162 SKYWORKS-SKY77162 Datasheet
212Kb / 13P
System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
Power Amplifier Module for CDMA (824 MHz??49 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com