Electronic Components Datasheet Search
  English  ▼

X  

WS1102 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1102
Description  3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1102 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  WS1102 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1102 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image

Evaluation Board Description
Figure6.EvaluationBoardSchematic.
Figure7.EvaluationBoardAssemblyDiagram.
1 Vcc1
2 RF In
3 Vcont
4 Vref
Vcc2 8
RF Out 7
GND 6
GND 5
RF Out
Vcc1
RF In
C5
2.2 F
C1
560 pF
Vcont
R1
6.2 Kohm
C3
100 pF
Vref
C4
100 pF
C2
82 pF
C6
2.2 F
Vcc2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com