Electronic Components Datasheet Search
  English  ▼

X  

DV2002L2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DV2002L2
Description  Fast Charge Development System Control of LM317 Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DV2002L2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DV2002L2 Datasheet HTML 1Page - List of Unclassifed Manufacturers DV2002L2 Datasheet HTML 2Page - List of Unclassifed Manufacturers DV2002L2 Datasheet HTML 3Page - List of Unclassifed Manufacturers DV2002L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers DV2002L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Fixed Configuration
The DV2002L2/TL2 board has the following fixed char-
acteristics:
VCC (4.75–5.25V) is regulated on-board from the supply
at connector JP4 (DC:GND).
LED indicates charge status.
Charge initiates on the later application of the battery
or DC, which provides VCC to the bq2002/T.
As shipped from Benchmarq, the DV2002L2/TL2 linear
regulator is configured to a charging current of 1.25A.
This current level is controlled by the value of sense re-
sistor R7 by the relationship:
I=
1.25V
R
CHG
7
The value of R7 at shipment is 1Ω. This resistor can be
changed depending on the application.
The suggested maximum ICHG for the DV2002L2/TL2
board is 1.5A. U2 must be mounted to an appropri-
ate heat sink.
The maximum cell voltage (MCV) is scaled to 2V/cell.
With the provided NTC thermistor connected between
THERM and BAT–, TCO = 50°C.
The thermistor is identified by the serial number suffix
as follows:
Jumper-Selectable Configuration
The DV2002L2/TL2 must be configured as described be-
low.
INH (JP2): Enables/disables charge inhibit (see
bq2002/T data sheet).
TM (JP1): Selects fast charge safety time/top-off (see
bq2002/T data sheet).
Number of Cells (JP3): A resistor-divider network is
provided to select 4 to 10 cells (the resulting resistor
value equalsN–1 cells). RB1 is a 100K
Ω resistor, and
RB2 (RB20–RB25) is jumper-selected.
Temperature Disable: Connecting a 10K
Ω resistor be-
tween THERM and BAT– disables temperature control.
Setup Procedure
1.
Configure TM, INH, and number-of-cells (NOC)
jumpers.
2.
Connect the provided thermistor or a 10K
Ω resistor
between THERM and BAT–.
3.
Attach the battery pack to BAT+ and BAT–. For
temperature control, the thermistor must contact
the cells.
4.
Attach DC current source to DC (+) and GND (–)
connections in JP4.
2
DV2002L2/TL2
Rev. C Board
Jumper Setting
Pin State
[ 1 2 ] 3
Disabled (high)
1 [ 2 3 ]
Enabled (low)
Jumper Setting
Pin State
[ 1 2 ] 3
High
1 [ 2 3 ]
Low
1 2 3
Float
Closed Jumper
Number of Cells
R13
10
R12
8
R11
6
R10
5
R9
4
Input
Voltage
Current
Resistance
Wattage
to 25V
1A
1.25
Ω
2W
1.5A
0.83
Ω
2W
Table 1. Lookup Table for R7 Selection
Identifier
Thermistor
K1
Keystone RL0703-5744-103-S1
(blank)
Philips 2322-640-63103
F1
Fenwal Type 16, 197-103LA6-A01
O1
Ozhumi 150-108-00(4)
S1
Semetic 103AT-2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com