Electronic Components Datasheet Search
  English  ▼

X  

DV2002L2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DV2002L2
Description  Fast Charge Development System Control of LM317 Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DV2002L2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DV2002L2 Datasheet HTML 1Page - List of Unclassifed Manufacturers DV2002L2 Datasheet HTML 2Page - List of Unclassifed Manufacturers DV2002L2 Datasheet HTML 3Page - List of Unclassifed Manufacturers DV2002L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers DV2002L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
ä bq2002/T fast-charge control evaluation and
development
ä Charge current sourced from an on-board linear
regulator (up to 1.5A)
ä Fast charge of 4, 5, 6, 8, and 10 NiCd or NiMH cells
(contact Benchmarq for other cell counts)
ä Fast-charge termination by negative delta voltage
(-
∆V) or peak voltage detect (bq2002) or ∆T/∆t
(bq2002T)
ä Maximum temperature and maximum time safety
terminations
ä -∆V/peak voltage detect, hold-off, top-off, maximum
time, and number of cells are jumper-configurable
ä Inhibit fast charge by a logic-level input
General Description
The DV2002L2/TL2 Development System provides a de-
velopment environment for the bq2002 and bq2002T
Fast-Charge ICs.
The DV2002L2/TL2 incorporates a
bq2002/T and a linear regulator to provide fast charge
control for 4 to 10 NiCd or NiMH cells.
The fast charge is terminated by any of the following:
∆T/∆t, maximum temperature, maximum time, or an in-
hibit command for the bq2002T; or -
∆V/peak voltage,
maximum temperature, maximum time, and inhibit
command for the bq2002.
Jumper settings select the
top-off and maximum time limits.
The user provides a power supply and batteries. The
user configures the DV2002L2/TL2 for the number of
cells and maximum charge time (with or without top-
off).
Please review the bq2002T or bq2002 data sheet before
using the DV2002L2/TL2 board.
Connection Descriptions
JP4
THERM
Thermistor connection
BAT–
Battery ground
BAT+
Positive battery terminal
GND
Ground from charger supply
DC
DC input from charger supply
JP3 NOC
Select number of cells
JP2 INH
Inhibit input
JP1 TM
Timer, etc. Setting
1
DV2002L2/TL2
3/98
Rev. C Board
Fast Charge Development System
Control of LM317 Linear Regulator


Similar Part No. - DV2002L2

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DV200-27000D DELTA-DV200-27000D Datasheet
190Kb / 12P
HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DV200-27000D VPT-DV200-27000D Datasheet
191Kb / 12P
HIGH RELIABILITY DC-DC CONVERTERS
logo
List of Unclassifed Man...
DV200-27000S ETC-DV200-27000S Datasheet
187Kb / 10P
HIGH RELIABILITY DC-DC CONVERTERS
logo
VPT, Inc.
DV200-27000S VPT-DV200-27000S Datasheet
194Kb / 11P
HIGH RELIABILITY DC-DC CONVERTERS
DV200-27005D VPT-DV200-27005D Datasheet
191Kb / 12P
HIGH RELIABILITY DC-DC CONVERTERS
More results

Similar Description - DV2002L2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DV2057 TI-DV2057 Datasheet
325Kb / 5P
Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
DV2004S1 TI1-DV2004S1_14 Datasheet
2Mb / 7P
Fast-Charge Development System
DV2057 TI1-DV2057_14 Datasheet
328Kb / 6P
Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
logo
List of Unclassifed Man...
DV2954S1H ETC2-DV2954S1H_14 Datasheet
1Mb / 5P
Li-Ion Charger Development System Control of On-Board PNP Switch-Mode Regulator with High-Side Current Sensing
DV2054S2 ETC2-DV2054S2_14 Datasheet
892Kb / 5P
Li-Ion Charger Development System Control of On-Board PNP Switch-Mode Regulator
DV2004L1 ETC2-DV2004L1_14 Datasheet
977Kb / 6P
Fast Charge Development System Control of PNP Power Transistor
DV2003S2 ETC2-DV2003S2_14 Datasheet
929Kb / 6P
Fast Charge Development System Control of On-Board N-FET Switch-Mode Regulator
DV2003S1 ETC2-DV2003S1_14 Datasheet
862Kb / 6P
Fast Charge Development System Control of On-Board P-FET Switch-Mode Regulator
DV2003L1 ETC2-DV2003L1_14 Datasheet
1Mb / 6P
Fast Charge Development System Control of On-Board Linear Current Regulator or External Current Source
logo
Texas Instruments
LM317 TI-LM317_15 Datasheet
1Mb / 32P
LM317 3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com