Electronic Components Datasheet Search
  English  ▼

X  

FT0015 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # FT0015
Description  N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0015 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  FT0015 Datasheet HTML 1Page - Solid States Devices, Inc FT0015 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF110S.22
Electrical Characteristics
4/
Symbol
Min
Typ
Max
Units
Drain – Source Breakdown
Voltage
VGS = 0 V; ID = 1 mA
BVDSS
100
––
––
Volts
Gate – Source Threshold
Voltage
VDS = 4 V; ID = 0.25 mA
VDS =4V; ID= 0.25mA; TA = 125ºC
VDS =5V; ID= 0.25mA; TA = -55ºC
VGS(th)1
VGS(th)2
VGS(th)3
2.0
––
––
3.0
2.0
4.0
4.0
––
––
Volts
Gate Leakage Current
VGS = +/- 20 V
VGS = +/- 20 V, TA= 125ºC
IGSS1
IGSS2
––
––
5
10
100
––
nA
Drain Leakage Current
VGS = 0 V; VDS = 80 V
VGS = 0V; VDS = 80 V, TA = 125ºC
IDSS1
IDSS2
––
––
0.02
5
25
––
µA
VGS = 10 V, ID = 2.25 A
VGS = 10 V, ID = 3.50 A
RDS(on)1
RDS(on)2
––
––
0.55
0.58
0.60
0.61
Static Drain – Source
On-State Resistance
VGS= 10V, ID = 2.25A, TA = 125ºC
RDS(on)3
––
1.05
––
Ohm
Forward Voltage of the
Source – Drain Diode
ID = 3.5 A
VSD
––
1.2
1.5
Volts
Switching Time Test:
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
ID = 3.5 A, VGS = 10 V,
RG = 7.5 ohm, VDD = 50 V
td(on)
tr
td(off)
tf
––
––
––
––
––
––
––
––
15
25
25
20
ns
Gate Charge Test:
On-State Gate Charge
Gate – Source Charge
Gate – Drain Charge
VGS= 10 V, VDS= 50 V
Qg(on)
Qgs
Qgd
––
––
––
––
––
––
6.55
1.61
3.46
nC
Reverse Recovery Time
VDD= 50V, ID = 3.5 A,
dI/dt= 100 A/
µs
trr
––
––
180
ns
Capacitance Test:
Input Capacitance
Output Capacitance
Reverse Transfer Cap.
VGS= 0 V, VDS= 25 V, f = 1MHz
Ciss
Coss
Crss
––
––
––
180
85
15
––
––
––
pF
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0015A
DOC
NOTES:
* Pulse Test: Pulse Width = 300
µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, Availability Contact
Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com