Electronic Components Datasheet Search
  English  ▼

X  

FT0015 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # FT0015
Description  N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0015 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  FT0015 Datasheet HTML 1Page - Solid States Devices, Inc FT0015 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
SMD.22
SFF110S.22
3.5 A /100 Volts / 0.6
Ω
N-Channel MOSFET Transistor
Features:
• Rugged Construction with Polysilcon Gate
• Small Footprint Hermetic Surface Mount Device with
Excellent Thermal Properties
• Replacement/Enhancement for 2N6782
• TX, TXV, S-Level Screening Available
• Very Fast Switching Characteristics
Maximum Ratings
Symbol
Value
Units
Drain – Source Voltage
VDS
100
Volts
Drain – Gate Voltage
VDG
100
Volts
Gate – Source Voltage
VGS
+/-20
Volts
Continuous Drain Current
@ TC = 25ºC
@ TC = 100ºC
ID1
ID2
3.5
2.25
Amps
Power Dissipation @ TC = 25ºC
Power Dissipation @ TA = 25ºC
Note 1
Note 2
PD
16.5
0.8
W
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case and to Ambient
RθJC
RθJA
7.5 (typ 5)
156.5
ºC/W
Note1: Derated 60.6 mW/°C above TC= 25°C
Note2: Derated 6.4 mW/°C above TA= 25°C
PIN 1= COLLECTOR; PIN 2= EMITTER; PIN 3= BASE
.140
.052
.134 .030
.070
.090
.150
±.007
.220±.007
.005 TYP
.065±.010
1
2
3
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0015A
DOC


Similar Part No. - FT0015

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0015 SSDI-FT0015_15 Datasheet
35Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - FT0015

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com