Electronic Components Datasheet Search
  English  ▼

X  

FT0024 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # FT0024
Description  TrenchFET MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0024 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  FT0024 Datasheet HTML 1Page - Solid States Devices, Inc FT0024 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0024A
DOC
Electrical Characteristics 4/
Symbol Min
Typ
Max
Units
Gate – Source Breakdown Voltage
IG = 10 µA, VDS = 0 V
BVDSS
60
70
––
Volts
Gate to Source Threshold Voltage
VDS = VGS , ID = 0.25 mA
VGS(th)
1.0
2.0
2.5
Volts
Gate to Source Leakage Current
VGS = +/-20 V, VDS = 0 V
VGS = +/-10 V, VDS = 0 V
VGS = +/-5 V, VDS = 0 V
VGS = +/-10 V, VDS = 0 V, TA = 85ºC
IGSS
0.0005
10
150
100
1000
uA
nA
nA
nA
Zero Gate Voltage Drain Current
VDS = 50 V, VGS = 0 V
VDS = 60 V, VGS = 0 V
VDS = 50 V, VGS = 0 V, TA = 85ºC
VDS = 60 V, VGS = 0 V,TA = 125ºC
IDSS
0.4
10
1
100
500
nA
uA
nA
uA
On-state Drain Current
VDS = 7.5 V, VGS = 10 V
VDS = 4.5 V, VGS = 10 V
VDS = 25 V, VGS = 10 V
ID(ON)
800
500
-
-
-
2.1
mA
mA
A
Drain – Source On-Resistance
ID = 500 mA, VGS = 10 V
ID = 200 mA, VGS = 10 V
ID = 50 mA, VGS = 5 V
RDS(ON)
2.8
4.0
3.5
3.5
-
-
Ω
Ω
Ω
Transconductance
ID = 200 mA, VDS = 10 V
GFS
100
mS
Body Diode Forward Voltage
IS = 200 mA, VGS = 0 V
VSD
1.3
V
Total Gate Charge
VDS = 10 V, VGS = 4.5 V, ID= 250 mA
Qg
-
0.6
nC
Input Capacitance
VDS = 25 V, VGS = 0 V, f = 1 MHz
Ciss
––
30
-
pF
Output Capacitance
VDS = 25 V, VGS = 0 V, f = 1 MHz
Coss
––
6
-
pF
Reverse Transfer Capacitance
VDS = 25 V, VGS = 0 V, f = 1 MHz
Crss
––
2.5
-
pF
Turn-on time
tON
––
10
25
ns
Turn-off time
VDD = 30 V, ID = 200 mA,
RL = 150 Ω , RG = 10 Ω, VG= 10 V
tOFF
––
13
35
ns
NOTES:
* Pulse Test: Pulse Width = 100
µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC
5/ Mounted on FR1 PCB
Available Part
Numbers:
SFF7002KA2GW
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Gullwing
Drain
Gate
Source
Drain
Gate
Source
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF7002KA2GW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com