Electronic Components Datasheet Search
  English  ▼

X  

FT0024 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # FT0024
Description  TrenchFET MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0024 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  FT0024 Datasheet HTML 1Page - Solid States Devices, Inc FT0024 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0024A
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFF7002KA2 __ __
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
└ Package 3/ GW = GULLWING
SFF7002KA2GW
Dual Microminiature Package
300 mA
60 Volts
2 Ω
Dual N-Channel Logic Level
TrenchFET MOSFET
Features:
• Low On-resistance, < 2 ohm
• Low Input Capacitance, < 25 pF
• Low threshold voltage, < 2 V
• Fast switching, < 25 ns
• TX, TXV, and S-Level Screening Available.
Consult Factory
Maximum Ratings
Symbol
Value
Units
Gate – Source Voltage
VGS
20
Volts
Drain to Source Voltage
VDS
60
Volts
Continuous Drain Current
TA= 25
oC
TA= 100
oC
ID
300
190
mA
Instantaneous (pulsed) Drain Current, Tj limited
IDM
800
mA
Power Dissipation @ TA= 25
oC
Per Device
Total
PD
350
500
mW
mW
Maximum Thermal Resistance, Junction to PCB
RΘJ-PCB
5/
250
ºC/W
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
PACKAGE OUTLINE: GULLWING (GW)
.193
.015±.010
.040
±.010
.350
±.010
6x R.010
.033
3x .015
.010
.107
.130
2x .050
(=.100)
6x .030
.107
.034
.125
6x .010
.025
5x R.018
.015
.035


Similar Part No. - FT0024

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0024 SSDI-FT0024_15 Datasheet
181Kb / 2P
Dual N-Channel Logic Level TrenchFET MOSFET
More results

Similar Description - FT0024

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTU15N10 DINTEK-DTU15N10 Datasheet
286Kb / 7P
TrenchFET Power MOSFETS
DTU15P03 DINTEK-DTU15P03 Datasheet
287Kb / 9P
TrenchFET Power MOSFET
DTU40N06 DINTEK-DTU40N06 Datasheet
278Kb / 7P
TrenchFET Power MOSFET
DTM4407 DINTEK-DTM4407 Datasheet
2Mb / 9P
P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTS03K16 DINTEK-DTS03K16_13 Datasheet
1Mb / 8P
N-Channel 16V (D?뭆) MOSFET TrenchFET Power MOSFET
DTS1004 DINTEK-DTS1004 Datasheet
1Mb / 9P
N-Channel 100 V (D-S) MOSFET TrenchFET Power MOSFET
DTS2315 DINTEK-DTS2315 Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET TrenchFET Power MOSFET
DTU40N06 DINTEK-DTU40N06_13 Datasheet
1Mb / 7P
N-Channel 60-V (D-S) MOSFET TrenchFET Power MOSFET
logo
Solid States Devices, I...
FT0024 SSDI-FT0024_15 Datasheet
181Kb / 2P
Dual N-Channel Logic Level TrenchFET MOSFET
logo
Guangdong Youtai Semico...
NTD24N06 UMW-NTD24N06 Datasheet
413Kb / 6P
TrenchFET® Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com