Electronic Components Datasheet Search
  English  ▼

X  

FT0037B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # FT0037B
Description  Avalanche Rated N-channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0037B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  FT0037B Datasheet HTML 1Page - Solid States Devices, Inc FT0037B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0037B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF116N10M
SFF116N10Z
Electrical Characteristics 5/
Symbol
Min
Typ Max
Units
Drain to Source Breakdown Voltage
VGS = 0V, ID = 250μA
BVDSS
100
110
––
V
Drain to Source On State Resistance
VGS = 10V, ID = 50A, Tj= 25
oC
VGS = 10V, ID = 50A, Tj=125
oC
VGS = 10V, ID = 50A, Tj= 150
oC
RDS(on)
––
––
––
10
16
20
15
25
––
mΩ
Gate Threshold Voltage
VDS = VGS, ID = 1.0mA, Tj= 25
oC
VDS = VGS, ID = 1.0mA, Tj= 125
oC
VDS = VGS, ID = 1.0mA, Tj= -55
oC
VGS(th)
3.0
2.0
––
4.5
3.5
5.0
5.0
––
6
V
Gate to Source Leakage
VGS = ±20V, Tj= 25
oC
VGS = ±20V, Tj= 125
oC
IGSS
––
––
10
30
±100
––
nA
Zero Gate Voltage Drain Current
VDS = 100V, VGS = 0V, Tj = 25
oC
VDS = 100V, VGS = 0V, Tj = 125
oC
VDS = 100V, VGS = 0V, Tj = 175
oC
IDSS
––
––
––
0.01
2.5
25
25
250
––
μA
μA
μA
Forward Transconductance
VDS = 15V, ID = 35A, Tj = 25
oC
gfs
10
60
––
Mho
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 12V
VDS = 35V
ID = 50A
Qg
Qgs
Qgd
––
––
––
125
35
65
250
75
120
nC
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
VGS = 11V
VDS = 50V
ID = 35A
RG = 2.35Ω, pw= 3us
td(on)
tr
td(off)
tf
––
––
––
––
39
67
80
67
50
80
100
80
nsec
Diode Forward Voltage
IF = 35A, VGS = 0V
VSD
––
0.82
1.2
V
Diode Reverse Recovery Time
Reverse Recovery Charge
IF = 50A, di/dt = 100A/usec
trr
Qrr
––
––
240
0.85
300
––
nsec
μC
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1 MHz
Ciss
Coss
Crss
––
––
––
4800
2050
600
––
––
––
pF
Available Part Numbers:
Consult Factory
PIN ASSIGNMENT (Standard)
Package
Drain
Source
Gate
TO-254 (M)
Pin 1
Pin 2
Pin 3
TO-254Z (Z)
Pin 1
Pin 2
Pin 3
TO254 (M)
PIN 1
PIN 3
PIN 2
TO254Z (Z)
PIN 3
PIN 2
PIN 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com