Electronic Components Datasheet Search
  English  ▼

X  

FT0041B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # FT0041B
Description  N-CHANNEL MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0041B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  FT0041B Datasheet HTML 1Page - Solid States Devices, Inc FT0041B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0041B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF6661/39
Electrical Characteristics3/
Symbol
Min
Typ Max
Units
Drain to Source Breakdown Voltage
VDS = 0V, ID = 1.0μA
BVDSS
90
125
––
V
Gate Threshold Voltage
VDS = VGS, ID = 1.0mA
VDS = VGS, ID = 1.0mA, TA= -55°C
VDS = VGS, ID = 1.0mA, TA= 125°C
VGS(th)
0.8
––
0.3
1.6
1.8
1.3
2
2.5
––
V
Gate to Body Leakage
VDS = 0V, VGS = ±20V
VDS = 0V, VGS = ±20V, TA = 125°C
IGSS
––
––
––
––
±100
±500
nA
Zero Gate Voltage Drain Current
VDS = 72V, VGS = 0V
VDS = 72V, VGS = 0V, TA = 125°C
IDSS
––
––
––
––
1
100
μA
On-State Drain Current*
VDS = 10V, VGS = 10V
ID(on)
––
1.8
––
mA
Drain to Source On State Resistance*
VGS = 5V, ID = 0.3A
VGS = 10V, ID = 1A
VGS = 10V, ID = 1A, TA=125°C
RDS(on)
––
––
––
3.8
3.6
6.7
5.3
4
7.5
Ω
Forward Transconductance*
VDS = 7.5V, ID = 0.475A
gfs
170
340
––
mS
Diode Forward Voltage
IS = 0.86A, VGS = 0V
VSD
0.7
0.9
1.4
V
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Drain-Source Capacitance
VGS = 0V
VDS = 25V
f = 1 MHz
Ciss
Coss
Crss
Cds
––
––
––
––
35
15
2
30
50
40
10
––
pF
Turn-On Time
Turn-Off Time
VDD = 25V, RL = 23Ω
ID = 1A VGEN = 10V, RG = 23Ω
t (on)
t (off)
––
––
6
8
10
10
nsec
CASE OUTLINE: TO-39 (/39)
PIN ASSIGNMENT (Standard)
Package
Drain
Source Gate
TO-39(/39)
Pin 3
Pin 1
Pin 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com