Electronic Components Datasheet Search
  English  ▼

X  

FT0041B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # FT0041B
Description  N-CHANNEL MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0041B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  FT0041B Datasheet HTML 1Page - Solid States Devices, Inc FT0041B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0041B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFF6661
/39 ___
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package
/39 = TO-39
SFF6661/39
0.86 AMP
N-CHANNEL MOSFET
90 Volts, 4Ω
Features:
Rugged construction
Low RDS(on) and high transconductance
Fast recovery and superior dv/dt performance
Increased reverse energy capability
Low input and transfer capacitance for easy
paralleling
Hermetically sealed package
Very fast switching speed
TX, TXV, S-Level screening available
2/
Replacement for 2N6661
Maximum Ratings3/
Symbol
Value
Units
Drain - Source Voltage
VDS
90
V
Gate - Source Voltage
VGS
±20
V
Max. Continuous Drain Current
(TJ = 150°C)
TC = 25°C
TC = 100°C
ID
0.86
0.54
A
Max. Instantaneous Drain Current (Tj limited)
IDM
3
A
Total Power Dissipation
TC = 25°C
TA = 25°C
PD
6.25
0.725
W
Operating & Storage Temperature
TOP & TSTG
-65 to +150
°C
Maximum Thermal Resistance
(Junction to Ambient)
(Junction to Case)
RθJA
RθJC
170
20
°C /W
NOTES:
TO-39
*Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25°C.


Similar Part No. - FT0041B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0041B SSDI-FT0041B_15 Datasheet
123Kb / 2P
N-CHANNEL MOSFET
More results

Similar Description - FT0041B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com