Electronic Components Datasheet Search
  English  ▼

X  

LM3501 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM3501
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3501 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3501 Datasheet HTML 16Page - Texas Instruments LM3501 Datasheet HTML 17Page - Texas Instruments LM3501 Datasheet HTML 18Page - Texas Instruments LM3501 Datasheet HTML 19Page - Texas Instruments LM3501 Datasheet HTML 20Page - Texas Instruments LM3501 Datasheet HTML 21Page - Texas Instruments LM3501 Datasheet HTML 22Page - Texas Instruments LM3501 Datasheet HTML 23Page - Texas Instruments LM3501 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
GND
FB
VSW
VIN
L
22 PH
LM3501-21
VOUT
AGND
A1
CNTRL
C3
B1
C1
C2
B3
A2
A3
<0.3V
>1.1V
VIN
2.7V - 5.5V
R2
24:
COUT
1 PF
Ceramic
CIN
1 PF
Ceramic
SHDN
Voltage
Control
GND
FB
VSW
VIN
SHDN
L
22 PH
LM3501-16
VOUT
AGND
A1
CNTRL
C3
B1
C1
C2
B3
A2
A3
<0.3V
>1.1V
VIN
2.7V - 5.5V
R1
24:
COUT
1 PF
Ceramic
CIN
1 PF
Ceramic
R2
24:
Voltage
Control
GND
FB
VSW
VIN
L
22 PH
LM3501-16
VOUT
AGND
A1
CNTRL
C3
B1
C1
C2
B3
A2
A3
<0.3V
>1.1V
VIN
2.7V - 5.5V
R1
24:
COUT
1 PF
Ceramic
CIN
1 PF
Ceramic
R2
Control with DC
voltage, NMOS
FET switch, or tie
directly to ground.
SHDN
Voltage
Control
LM3501
SNVS230B – MAY 2004 – REVISED MAY 2005
www.ti.com
Figure 7. Multiple 2 LED String Application
Figure 8. Multiple 3 LED String Application
Figure 9. LM3501-21 5 LED Application
20
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM3501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com