Electronic Components Datasheet Search
  English  ▼

X  

MMFC Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # MMFC
Description  Fused Fiber Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MMFC Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  MMFC Datasheet HTML 1Page - OPLINK Communications Inc. MMFC Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
MMFC Series
Premium
Grade A
Unit
Configuration
1x2 or 2x2
Operating Wavelength
850, 1310 or 850 & 1310
nm
Insertion Loss [1]
< 4.0
< 4.5
dB
Uniformity (50/50)
< 0.4
< 0.8
dB
Typical Excess Loss [2]
< 1.0
< 1.0
dB
Temperature Sensitivity
< 0.002
< 0.002
dB/ °C
Directivity
> 40
dB
Maximum Power Handling
500
mW
Operating Temperature [3]
-40 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
50/125μm or 62.5/125μm core multi-mode fiber
Package Dimension
P1: 250μm multi-mode bare fiber
(ø)3.0 x (L)47
mm
P2: 900μm loose tube
(ø)3.0 x (L)60
P3: 3mm cable
(L)96.0 x (W)12.0 x (H)6.4
[1]
Values are referenced without connector loss.
[2]
measured under the stable mode condition with LED light source.
[3]
Operating temperature range changes to -5 to 70°C in P2, P3 package and all package with connectors.
Applications
Performance Specificationns
Port 1 In
L
Ø
Port 2 (50%)
Port 3 (50%)
Port 4 (terminated for
1x2 configuration)
S0161 - R04. (web) 20120718
Multi-Mode Single Window Wideband
Fused Fiber Coupler (1x2, 2x2)
MMFC Series
Oplink’s multi-mode single window wideband fused fiber couplers are highly
stable for multi-port optical signal splitting. They have very good uniformity,
low excess loss and very low polarization sensitivity. All devices are tested ac-
cording to industry standard test procedures and are supplied with all perti-
nent measurement data.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module.
Low Excess Loss
Good Uniformity
Excellent Environmental Stability
Data Link
LAN
Sensors


Similar Part No. - MMFC

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
Multi-Mode Single Window Wideband Fused Fiber Coupler
MMFC1150A0011 OPLINK-MMFC1150A0011 Datasheet
198Kb / 2P
Multi-Mode Single Window Wideband Fiber Coupler
MMFC1150A0012 OPLINK-MMFC1150A0012 Datasheet
198Kb / 2P
Multi-Mode Single Window Wideband Fiber Coupler
MMFC1150A0021 OPLINK-MMFC1150A0021 Datasheet
198Kb / 2P
Multi-Mode Single Window Wideband Fiber Coupler
MMFC1150A0022 OPLINK-MMFC1150A0022 Datasheet
198Kb / 2P
Multi-Mode Single Window Wideband Fiber Coupler
More results

Similar Description - MMFC

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
AFF-1130 JDSU-AFF-1130 Datasheet
116Kb / 4P
Attenuator, Fused Fiber
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
Fused Coupler, Single Window
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
Fused Coupler,Two Window
FFP-513145 JDSU-FFP-513145 Datasheet
120Kb / 3P
Fused Coupler,Polarization Maintaining (PM)
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
Fused Coupler, PM Combiner
FFS-733A3 JDSU-FFS-733A3 Datasheet
126Kb / 4P
Fused Coupler, Near Infrared
FFS-R33A3 JDSU-FFS-R33A3 Datasheet
120Kb / 3P
Fused Coupler, Visible Light
logo
OPLINK Communications I...
LPTC3150P OPLINK-LPTC3150P Datasheet
166Kb / 3P
Ultra-Low PDL Fused Tap Coupler
LPTC-S0093 OPLINK-LPTC-S0093 Datasheet
156Kb / 3P
Ultra-Low PDL Fused Tap Coupler
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
Multi-Mode Single Window Wideband Fused Fiber Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com