Electronic Components Datasheet Search
  English  ▼

X  

MMFC Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # MMFC
Description  Fused Fiber Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MMFC Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  MMFC Datasheet HTML 1Page - OPLINK Communications Inc. MMFC Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
MMFC
Testing Method
Ordering Information
Wrap 15 revolutions around Ø8mm rod
DUT
LED
81618A Power Meter
FOS-120A Light Source
0
0
Wavelength
850/1310nm = 1
1310nm = 3
850nm = 8
Split Ratio
Grade
Fiber Length*
Package & Fiber Type
1x2 = 1
2x2 = 2
P Grade = P
A Grade = A
0.5 meter = H
1.0 meter = 1
1.5 meters = 5
2.0 meters = 2
P1+62.5/125μm fiber = 11
P1+50/125μm fiber =12
P2+62.5/125μm fiber = 21
P2+50/125μm fiber =22
P3+62.5/125μm fiber = 31
P3+50/125μm fiber =32
Connetor Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/PC = 9
MU = A
LC/APC = B
Multi-Mode Single Window Wideband
Fused Fiber Coupler (1x2, 2x2)
MMFC Series
S0161 - R04. (web) 20120718
50/50 = 50
Type
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
* The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead time for special fiber length will be longer.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com