Electronic Components Datasheet Search
  English  ▼

X  

MB15F02LPV Datasheet(PDF) 17 Page - fujitsu semiconductor

Part # MB15F02LPV
Description  Dual Serial Input PLL Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB15F02LPV Datasheet(HTML) 17 Page - fujitsu semiconductor

Back Button MB15F02LPV Datasheet HTML 13Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 14Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 15Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 16Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 17Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 18Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 19Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 20Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 21Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
MB15F02L
5. fin Input Impedance
309
Ω
–640.13
Ω
100 MHz
29.773
Ω
–186.98
Ω
400 MHz
12.648
Ω
–83.883
Ω
800 MHz
1 :
2 :
3 :
fin
fin RF
3
START 100.000 000 MHz
STOP 1 200.000 000 MHz
4 : 10.252
Ω
–43.703
Ω
1.2 GHz
1
2
4
791.22
Ω
–907.56
Ω
50 MHz
89.189
Ω
–378.02
Ω
200 MHz
58.797
Ω
–304.36
Ω
250 MHz
1 :
2 :
3 :
fin
fin IF
START 50.000 000 MHz
STOP 500.000 000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com