Electronic Components Datasheet Search
  English  ▼

X  

MB15F02LPV Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MB15F02LPV
Description  Dual Serial Input PLL Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB15F02LPV Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MB15F02LPV Datasheet HTML 15Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 16Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 17Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 18Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 19Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 20Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 21Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 22Page - fujitsu semiconductor MB15F02LPV Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
MB15F02L
s REFERENCE INFORMATION (Lock Up Time, Phase Noise, Reference Leakage)
S.G
OSCin
fin
Do
Spectrum
analyzer
LPF
VCO
Test Circuit
f VCO = 810.45 MHz
K V = 17 MHz/V
fr = 25 kHz
f OSC = 14.4 MHz
9.1 k
Ω
2.7 k
Ω
0.068
µF
1500 pF
6800 pF
LPF
–5.0 dBm
10 dB/
∆ MKR –74.00 dB
25.0 kHz
RL
74.0 dBc
SPAN 200.0 kHz
CENTER 810.4500 MHz
∗ SWP 1.00 sec
∗ VBW 1.0 kHz
∗ RBW 1.0 kHz
PLL reference leakage
–5.0 dBm
10 dB/
∆ MKR –51.83 dB
1.67 kHz
RL
C/N ~ 71.8 dBc/Hz
SPAN 20.00 kHz
CENTER 810.45000 MHz
∗ SWP 3.00 sec
∗ VBW 100 Hz
∗ RBW 100 Hz
BW ~ 4.17 KHz
PLL phase noise
30.00500
MHz
2.000
kHz/diu
29.99500
MHz
0
s
8.0000000 ms
50.00000
MHz
10.00000
MHz/diu
0
Hz
0
s
8.0000000 ms
810.45 MHz
→826.45 MHz±1 kHz
1.32 ms
PLL lock up time
30.00500
MHz
2.00
kHz/diu
29.99500
MHz
0
s
8.0000000 ms
50.00000
MHz
5.00000
MHz/diu
25.00000
MHz
0
s
8.0000000 ms
826.45 MHz
→810.45 MHz
1.64 ms
PLL lock up time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com