Electronic Components Datasheet Search
  English  ▼

X  

RF2048 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2048
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2048 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2048 Datasheet HTML 2Page - RF Micro Devices RF2048 Datasheet HTML 3Page - RF Micro Devices RF2048 Datasheet HTML 4Page - RF Micro Devices RF2048 Datasheet HTML 5Page - RF Micro Devices RF2048 Datasheet HTML 6Page - RF Micro Devices RF2048 Datasheet HTML 7Page - RF Micro Devices RF2048 Datasheet HTML 8Page - RF Micro Devices RF2048 Datasheet HTML 9Page - RF Micro Devices RF2048 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 10
RF2048
Rev A13 DS070403
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Reverse Isolation versus Frequency Across Temperature
ICC=40mA
16.0
17.0
18.0
19.0
20.0
0.0
1000.0
2000.0
3000.0
4000.0
5000.0
6000.0
Frequency (MHz)
-40°C
25°C
85°C
Typical Current versus Voltage
(At Evaluation Board Connector, RBIAS=22 Ohms)
20.0
30.0
40.0
50.0
60.0
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
VCC (V)
-40°C
25°C
85°C
Typical ICC versus VPIN
(At pin 3)
20.0
30.0
40.0
50.0
60.0
3.3
3.4
3.5
3.6
3.7
3.8
3.9
VPIN (V)
-40°C
25°C
85°C
Vcc=4.4 V
Power Dissipated versus Voltage at Pin 3
(TAMBIENT=85°C)
0.05
0.10
0.15
0.20
0.25
3.25
3.30
3.35
3.40
3.45
3.50
VPIN (V)
TMAX versus PDISS
(TAMBIENT=85°C)
95.00
100.00
105.00
110.00
115.00
120.00
125.00
130.00
135.00
140.00
145.00
150.00
155.00
0.00
0.05
0.10
0.15
0.20
0.25
PDISS (W)
MTTF versus Junction Temperature (Valid for ICC<40mA)
RFMD HBT2um AlGaAs-2 (60% Confidence Interval)
10.0
100.0
1000.0
10000.0
100000.0
1000000.0
10000000.0
100.0
125.0
150.0
175.0
200.0
Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com