Electronic Components Datasheet Search
  English  ▼

X  

TPS75005 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75005
Description  Integrated MCU Power Solution for C2000??Microcontrollers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75005 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS75005 Datasheet HTML 9Page - Texas Instruments TPS75005 Datasheet HTML 10Page - Texas Instruments TPS75005 Datasheet HTML 11Page - Texas Instruments TPS75005 Datasheet HTML 12Page - Texas Instruments TPS75005 Datasheet HTML 13Page - Texas Instruments TPS75005 Datasheet HTML 14Page - Texas Instruments TPS75005 Datasheet HTML 15Page - Texas Instruments TPS75005 Datasheet HTML 16Page - Texas Instruments TPS75005 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TPS75005
www.ti.com
SBVS144C – NOVEMBER 2011 – REVISED APRIL 2012
The PCB layout of Figure 26 shows that the input and output capacitors C2, C3, and C8 are located near the
respective pins and interconnected with a wide, low-inductance, ground plane that includes the device ground
and the thermal pad ground of the device.
NOTE
The input capacitor ground is routed under the device package through NC, pin-20.
Figure 26. TPS75005EVM-023 Recommended Layout
The PCB typically consists of four layers, minimum. The top (surface) layer and one internal layer are used for
trace/signal routing. One internal layer as well as the bottom layer are devoted to be ground planes that also
function as spreading planes for dissipating heat away from the TPS75005 device. It is very important for proper
function of the device and long-term reliability to conduct heat away from the device. The PowerPAD is soldered
to a ground pad on the PCB that conducts heat away from the device through nine plated vias to the spreading
planes beneath. The internal spreading layer in this case consists of four square inches of 1-ounce copper, and
the bottom layer consists of an equal area of 2-ounce copper. Additional spreading layers should be added, if
necessary, to a given application.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS75005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com