Electronic Components Datasheet Search
  English  ▼

X  

PLCS2 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # PLCS2
Description  Planar Lightwave Circuit Splitter Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PLCS2 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  PLCS2 Datasheet HTML 1Page - OPLINK Communications Inc. PLCS2 Datasheet HTML 2Page - OPLINK Communications Inc. PLCS2 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mechanical Drawing / Package Dimensions
Oplink Communications, Inc.
Planar Lightwave Circuit Splitter Modules
PLCS2 Series
LGX Packaging:
Unit: inch
Unit: mm (inch)
1RU 19” Rack-mount Chassis:
Unit: mm (inch)
1RU ETSI Rack-mount Chassis:
1RU 23” Rack-mount Chassis:
Unit: mm (inch)
3.97
4.65
3.42 +0.00
-0.03
2.28 +0.00
-0.03
1.14 +0.00
-0.02
.57
5.12
43.6 [1.72]
532.4 [20.96]
445.0 [17.52]
515.0 [20.28]
445.0 [17.52]
584.0 [22.99]
566.6 [22.31]
43.6 [1.72]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com