Electronic Components Datasheet Search
  English  ▼

X  

PLCS2 Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # PLCS2
Description  Planar Lightwave Circuit Splitter Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PLCS2 Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  PLCS2 Datasheet HTML 1Page - OPLINK Communications Inc. PLCS2 Datasheet HTML 2Page - OPLINK Communications Inc. PLCS2 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PLCS
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
2
0
0
Splitting Type
104 = 1x4
108 = 1x8
116 = 1x16
132 = 1x32
164 = 1x64
204 = 2x4
208 = 2x8
216 = 2x16
232 = 2x32
264 = 2x64
Grade
Packaging Type*
Rack-mount Bracket Type
1L = 1W LGX
2L = 2W LGX
3L = 3W LGX
1R = 1RU Rack-mount Chassis
2R = 2RU Rack-mount Chassis
0 = N/A for LGX Packaging
1 = 19” Rack-mount
2 = ETSI Rack-mount
3 = 23” Rack-mount
Connector Type
1=FC/PC
2=FC/SPC
3=FC/APC
4=SC/PC
5=SC/SPC
6=SC/APC
8=LC/PC
A=LC/APC
Planar Lightwave Circuit Splitter Modules
PLCS2 Series
S0064 - R02. 20090928
S = S Grade
P = P Grade
* Refer the following table for packaging choices.
Splitter
Type
Packaging Choices
SC Connector Type
LC Connector Type
FC Connector Type
1x4
1W LGX, 1RU Rack-mount Chassis
1W LGX, 1RU Rack-mount Chassis
1W LGX, 1RU Rack-mount Chassis
2x4
1W LGX, 1RU Rack-mount Chassis
1W LGX, 1RU Rack-mount Chassis
1W LGX, 1RU Rack-mount Chassis
1x8
2W LGX, 1RU Rack-mount Chassis
1W LGX, 1RU Rack-mount Chassis
2W LGX, 1RU Rack-mount Chassis
2x8
2W LGX, 1RU Rack-mount Chassis
1W LGX, 1RU Rack-mount Chassis
2W LGX, 1RU Rack-mount Chassis
1x16
3W LGX, 1RU Rack-mount Chassis
2W LGX, 1RU Rack-mount Chassis
3W LGX, 1RU Rack-mount Chassis
2x16
3W LGX, 1RU Rack-mount Chassis
2W LGX, 1RU Rack-mount Chassis
3W LGX, 1RU Rack-mount Chassis
1x32
1RU Rack-mount Chassis
3W LGX, 1RU Rack-mount Chassis
1RU Rack-mount Chassis
2x32
1RU Rack-mount Chassis
3W LGX, 1RU Rack-mount Chassis
1RU Rack-mount Chassis
1x64
1RU Rack-mount Chassis
1RU Rack-mount Chassis
2RU Rack-mount Chassis
2x64
1RU Rack-mount Chassis
1RU Rack-mount Chassis
2RU Rack-mount Chassis
In order to meet different rack-mount applications, additional rack-mount brackets are also available. Please refer the fol-
lowing table for ordering information.
Oplink Part Number
Product Description
OMSSBR19IEC0000
1RU 19” Rack-mount Brackets (one pair)
OMSSBRETSI00000
1RU ETSI Rack-mount Brackets (one pair)
OMSSBR230000000
1RU 23” Rack-mount Brackets (one pair)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com