Electronic Components Datasheet Search
  English  ▼

X  

LP38853 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP38853
Description  3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38853 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP38853 Datasheet HTML 4Page - Texas Instruments LP38853 Datasheet HTML 5Page - Texas Instruments LP38853 Datasheet HTML 6Page - Texas Instruments LP38853 Datasheet HTML 7Page - Texas Instruments LP38853 Datasheet HTML 8Page - Texas Instruments LP38853 Datasheet HTML 9Page - Texas Instruments LP38853 Datasheet HTML 10Page - Texas Instruments LP38853 Datasheet HTML 11Page - Texas Instruments LP38853 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LP38853
SNVS335C – DECEMBER 2006 – REVISED SEPTEMBER 2011
www.ti.com
Typical Performance Characteristics (continued)
Refer to the Typical Application Circuit. Unless otherwise specified: TJ = 25°C, R1 = 1.40 kΩ, R2 = 1.00 kΩ, CFF= 0.01 µF, VIN
= VOUT(NOM) + 1V, VBIAS = 3.0V, IOUT = 10 mA, CIN = 10 µF Ceramic, COUT = 10 µF Ceramic, CBIAS = 1 µF Ceramic, , CSS =
Open.
Enable Pull-Down Current (IEN) vs Temperature
Enable Pull-Up Resistor (rEN) vs Temperature
Figure 16.
Figure 17.
VIN Line Transient Response
VIN Line Transient Response
Figure 18.
Figure 19.
VBIAS Line Transient Response
VBIAS Line Transient Response
Figure 20.
Figure 21.
8
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP38853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com