Electronic Components Datasheet Search
  English  ▼

X  

LP38853 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP38853
Description  3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38853 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38853 Datasheet HTML 9Page - Texas Instruments LP38853 Datasheet HTML 10Page - Texas Instruments LP38853 Datasheet HTML 11Page - Texas Instruments LP38853 Datasheet HTML 12Page - Texas Instruments LP38853 Datasheet HTML 13Page - Texas Instruments LP38853 Datasheet HTML 14Page - Texas Instruments LP38853 Datasheet HTML 15Page - Texas Instruments LP38853 Datasheet HTML 16Page - Texas Instruments LP38853 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
LP38853
www.ti.com
SNVS335C – DECEMBER 2006 – REVISED SEPTEMBER 2011
It is recommended that the values selected for R1 and R2 are such that the parallel value is less than 10 k
Ω.
This is to prevent internal parasitic capacitances on the ADJ pin from interfering with the FZ pole set by R1 and
CFF.
( (R1 x R2) / (R1 + R2) )
≤ 10 kΩ
(6)
Table 1 lists some suggested, best fit, standard ±1% resistor values for R1 and R2, and a standard ±10%
capacitor values for CFF, for a range of VOUT values. Other values of R1, R2, and CFF are available that will give
similar results.
Table 1.
VOUT
R1
R2
CFF
FZ
0.8V
1.07 k
Ω
1.78 k
Ω
12 nF
12.4 kHz
0.9V
1.50 k
Ω
1.87 k
Ω
8.2 nF
12.9 kHz
1.0V
1.00 k
Ω
1.00 k
Ω
12 nF
13.3 kHz
1.1V
1.65 k
Ω
1.37 k
Ω
8.2 nF
11.8 kHz
1.2V
1.40 k
Ω
1.00 k
Ω
10 nF
11.4 kHz
1.3V
1.15 k
Ω
715
Ω
12 nF
11.5 kHz
1.4V
1.07 k
Ω
590
Ω
12 nF
12.4 kHz
1.5V
2.00 k
Ω
1.00 k
Ω
6.8 nF
11.7 kHz
1.6V
1.65 k
Ω20131051
750
Ω
8.2 nF
11.8 kHz
1.7V
2.55 k
Ω
1.07 k
Ω
5.6 nF
11.1 kHz
1.8V
2.94 k
Ω
1.13 k
Ω
4.7 nF
11.5 kHz
Please refer to the TI AN-1378 Application Report for additional information on how resistor tolerances affect the
calculated VOUT value.
INPUT VOLTAGE
The input voltage (VIN) is the high current external voltage rail that will be regulated down to a lower voltage,
which is applied to the load. The input voltage must be at least VOUT + VDO, and no higher than whatever value is
used for VBIAS.
For applications where VBIAS is higher than 4.5V, VIN must be no greater than 4.5V, otherwise output voltage
accuracy may be affected.
BIAS VOLTAGE
The bias voltage (VBIAS) is a low current external voltage rail required to bias the control circuitry and provide
gate drive for the N-FET pass transistor. When VOUT is set to 1.20V, or less, VBIAS may be anywhere in the
operating range of 3.0V to 5.5V. If VOUT is set higher than 1.20V , VBIAS must be between 4.5V and 5.5V to
ensure proper operation of the device.
UNDER VOLTAGE LOCKOUT
The bias voltage is monitored by a circuit which prevents the device from functioning when the bias voltage is
below the Under-Voltage Lock-Out (UVLO) threshold of approximately 2.45V.
As the bias voltage rises above the UVLO threshold the device control circuitry becomes active. There is
approximately 150 mV of hysteresis built into the UVLO threshold to provide noise immunity.
When the bias voltage is between the UVLO threshold and the Minimum Operating Rating value of 3.0V the
device will be functional, but the operating parameters will not be within the specified limits.
SUPPLY SEQUENCING
There is no requirement for the order that VIN or VBIAS are applied or removed.
One practical limitation is that the Soft-Start circuit starts charging CSS when both VBIAS rises above the UVLO
threshold and the Enable pin is above the VEN(ON) threshold. If the application of VIN is delayed beyond this point
the benefits of Soft-Start will be compromised.
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP38853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com