Electronic Components Datasheet Search
  English  ▼

X  

LP38841 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP38841
Description  0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38841 Datasheet(HTML) 5 Page - Texas Instruments

  LP38841 Datasheet HTML 1Page - Texas Instruments LP38841 Datasheet HTML 2Page - Texas Instruments LP38841 Datasheet HTML 3Page - Texas Instruments LP38841 Datasheet HTML 4Page - Texas Instruments LP38841 Datasheet HTML 5Page - Texas Instruments LP38841 Datasheet HTML 6Page - Texas Instruments LP38841 Datasheet HTML 7Page - Texas Instruments LP38841 Datasheet HTML 8Page - Texas Instruments LP38841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
TEMPERATURE (
oC)
-40
0
40
120
80
-20
20
60
140
100
1000
10000
_
100000
_
1000000
_
FREQUENCY (Hz)
0
10
_
20
_
30
_
40
_
50
_
60
_
70
_
80
_
90
_
100
COUT = 4.7 PF Tantalum
ILOAD = 10 mA
20 Ps/DIV
5
4
6
VBIAS
VOUT
IL = 10 mA
VOUT = 1.2V
VIN = 1.7V
-10
0
10
0.8
ILOAD (A)
0.6
0.4
0.2
0
0
0.02
0.06
0.04
0.08
0.10
0.12
25
oC
-40
oC
125
oC
VBIAS = 5V
LP38841
www.ti.com
SNVS289B – DECEMBER 2004 – REVISED SEPTEMBER 2006
Typical Performance Characteristics
Unless otherwise specified: TJ = 25°C, CIN = 10 µF CER, COUT = 22 µF CER, CBIAS = 1 µF CER,S/D Pin is tied to VBIAS, VOUT
= 1.2V, IL = 10mA, VBIAS = 5V, VIN = VOUT + 1V.
VBIAS Transient Response
Dropout Voltage Over Temperature
VOUT
vs
Temperature
VBIAS PSRR
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com